Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB24 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP48FVB24
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB24 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP48FVB24 Datasheet HTML 50Page - Microchip Technology MCP48FVB24 Datasheet HTML 51Page - Microchip Technology MCP48FVB24 Datasheet HTML 52Page - Microchip Technology MCP48FVB24 Datasheet HTML 53Page - Microchip Technology MCP48FVB24 Datasheet HTML 54Page - Microchip Technology MCP48FVB24 Datasheet HTML 55Page - Microchip Technology MCP48FVB24 Datasheet HTML 56Page - Microchip Technology MCP48FVB24 Datasheet HTML 57Page - Microchip Technology MCP48FVB24 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 54
 2020 Microchip Technology Inc.
4.1.2
BROWN-OUT RESET
The Brown-out Reset occurs when a device has power
applied to it and that power (voltage) drops below the
specified range.
When the falling VDD voltage crosses the VPOR trip
point (BOR event), the following occurs:
• The serial interface is disabled.
• EEPROM writes are disabled.
• The device is forced into a Power-Down state
(PDnB:PDnA = 11). Analog circuitry is turned off.
• The volatile DAC register is forced to 000h.
• Volatile Configuration bits, VRnB:VRnA and Gx,
are forced to ‘0’.
If the VDD voltage decreases below the VRAM voltage,
all volatile memory may become corrupted.
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the memory location (volatile and
nonvolatile) to become corrupted.
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
FIGURE 4-1:
POR/BOR Operation.
VPOR
VDD(MIN)
BOR,
Volatile DAC Register = 000h,
Volatile VRnB:VRnA = 00,
VRAM
Volatile Gx = 0,
Volatile PDnB:PDnA = 11
VBOR
POR Starts Reset Delay Timer;
After it Times Out, the Serial Interface
can Operate (if VDD  VDD(MIN))
TPORD
Volatile Memory Retains
Data Values
POR Forced
Active
Default Device Configuration
Latched into Volatile Configuration
Bits and DAC Register; POR
Status Bit is Set (‘1’)
Volatile Memory
becomes Corrupted
Device in
Unknown
State
Device in
Power-
Down
State
Below Min.
Operating
Voltage
Normal Operation
Device
in POR
State
Device in Unknown
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com