Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB24 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP48FVB24
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB24 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP48FVB24 Datasheet HTML 62Page - Microchip Technology MCP48FVB24 Datasheet HTML 63Page - Microchip Technology MCP48FVB24 Datasheet HTML 64Page - Microchip Technology MCP48FVB24 Datasheet HTML 65Page - Microchip Technology MCP48FVB24 Datasheet HTML 66Page - Microchip Technology MCP48FVB24 Datasheet HTML 67Page - Microchip Technology MCP48FVB24 Datasheet HTML 68Page - Microchip Technology MCP48FVB24 Datasheet HTML 69Page - Microchip Technology MCP48FVB24 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 66
 2020 Microchip Technology Inc.
5.1
Resistor Ladder
The resistor ladder is a digital potentiometer with the B
Terminal internally grounded and the A Terminal
connected to the selected reference voltage (see
Figure 5-2). The volatile DAC register controls the
wiper position. The Wiper Voltage (VW) is proportional
to the DAC register value divided by the number of
Resistor Elements (RS) in the ladder (256, 1024 or
4096) related to the VRL voltage.
The output of the resistor network will drive the input of
an output buffer.
FIGURE 5-2:
Resistor Ladder Model.
The resistor network is made of these three parts:
• Resistor ladder (string of RS elements)
• Wiper switches
• DAC register decode
The Resistor Ladder (RRL) has a typical impedance of
approximately 120 k
. This resistance may vary from
device to device by up to ±20%. Since this is a voltage
divider configuration, the actual RRL resistance does
not affect the output given a fixed voltage at VRL.
Equation 5-1 shows the calculation for the step
resistance:
EQUATION 5-1:
RS CALCULATION
If the unbuffered VREF pin is used as the VRL voltage
source, this voltage source should have a low output
impedance.
When the DAC is powered down, the resistor ladder is
disconnected from the selected reference voltage.
5.2
Voltage Reference Selection
The resistor ladder has up to four sources for the
reference voltage. Two user control bits (VRnB:VRnA)
are used to control the selection with the selection con-
nected to the VRL node (see Figure 5-3 and Figure 5-4).
FIGURE 5-3:
Resistor Ladder Reference
Voltage Selection Block Diagram.
The four voltage source options for the resistor ladder
are:
1.
VDD pin voltage.
2.
Internal Voltage Reference (VBG).
3.
VREF pin voltage unbuffered.
4.
VREF pin voltage internally buffered.
VW
Analog Mux
Note 1: The analog Switch Resistance (RW) does not
affect performance due to the voltage divider
configuration.
RS(2)
DAC
Register
RS(1)
RS(2n – 1)
RS(2n – 2)
RS(2n – 3)
RS(2n)
VRL
RRL
RW(1)
RW(1)
RW(1)
RW(1)
RW(1)
RW(1)
2n – 1
2n – 2
1
0
2
2n – 3
PDnB:PDnA
Note:
The maximum wiper position is 2n –1,
while the number of resistors in the
resistor ladder is 2n. This means that
when the DAC register is at full scale,
there is one Resistor Element (RS)
between the wiper and the VRL voltage.
RS
RRL
256

-------------
=
RS
RRL
1024

----------------
=
8-Bit Device
10-Bit Device
RS
RRL
4096

----------------
=
12-Bit Device
VRL
VDD
Buffer
VREF
Band Gap
VRnB:VRnA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com