Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB24 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP48FVB24
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB24 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP48FVB24 Datasheet HTML 57Page - Microchip Technology MCP48FVB24 Datasheet HTML 58Page - Microchip Technology MCP48FVB24 Datasheet HTML 59Page - Microchip Technology MCP48FVB24 Datasheet HTML 60Page - Microchip Technology MCP48FVB24 Datasheet HTML 61Page - Microchip Technology MCP48FVB24 Datasheet HTML 62Page - Microchip Technology MCP48FVB24 Datasheet HTML 63Page - Microchip Technology MCP48FVB24 Datasheet HTML 64Page - Microchip Technology MCP48FVB24 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 61
MCP48FXBX4/8
Register 4-4 shows the format of the volatile Gain
Control and System Status register. Each DAC has one
bit to control the gain of the DAC and three status bits.
REGISTER 4-4:
GAIN CONTROL AND SYSTEM STATUS REGISTER (ADDRESS 0Ah; VOLATILE)
R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/C-1
R-0
U-0
U-0
U-0
U-0
U-0
U-0
Octal
G7
G6
G5
G4
G3
G2
G1
G0
POR EEWA
—
—
—
—
—
—
Quad
—(1)
—(1)
—(1)
—(1)
G3
G2
G1
G0
POR EEWA
—
—
—
—
—
—
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Quad-channel device
= Octal-channel device
Octal
Quad
—
bit 15-12 Unimplemented: Read as ‘0’
bit 15-8
bit 11-8
Gn: DAC Channel n Output Driver Gain Control
1 = 2x gain
0 = 1x gain
bit 7
bit 7
POR: Power-on Reset (Brown-out Reset) Status bit
This bit indicates if a POR or BOR event has occurred since the last READ command of this
register. Reading this register clears the state of the POR status bit.
1 = A POR (BOR) event has occurred since the last read of this register; reading this register
clears this bit
0 = A POR (BOR) event has not occurred since the last read of this register
bit 6
bit 6
EEWA: EEPROM Write Active Status
This bit indicates if the EEPROM write cycle is occurring.
1 = An EEPROM write cycle is currently occurring; only serial commands to the volatile mem-
ory are allowed
0 = An EEPROM write cycle is NOT currently occurring
bit 5-0
bit 5-0
Unimplemented: Read as ‘0’
Note 1:
Unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com