Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB24 Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP48FVB24
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB24 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP48FVB24 Datasheet HTML 74Page - Microchip Technology MCP48FVB24 Datasheet HTML 75Page - Microchip Technology MCP48FVB24 Datasheet HTML 76Page - Microchip Technology MCP48FVB24 Datasheet HTML 77Page - Microchip Technology MCP48FVB24 Datasheet HTML 78Page - Microchip Technology MCP48FVB24 Datasheet HTML 79Page - Microchip Technology MCP48FVB24 Datasheet HTML 80Page - Microchip Technology MCP48FVB24 Datasheet HTML 81Page - Microchip Technology MCP48FVB24 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 78
 2020 Microchip Technology Inc.
7.3
Continuous Commands
The devices support the ability to execute commands
continuously. While the CS pin is in the Active state
(VIL), any sequence of valid commands may be
received.
The following example is a valid sequence of events:
1.
CS pin is driven active (VIL).
2.
READ command.
3.
WRITE command (volatile memory).
4.
WRITE command (nonvolatile memory).
5.
CS pin is driven inactive (VIH).
7.4
Commands to Modify the Device
Configuration Bits
The MCP48FXBX4/8 devices support two commands,
which are used to program the device’s Configuration
bits. These commands require a High Voltage (VIHH) on
the HVC pin. The commands are:
• Enable Configuration Bit (High Voltage)
• Disable Configuration Bit (High Voltage)
The Configuration bits are used to inhibit the DAC
values from inadvertent modification. High voltage is
required to change the state of these bits if/when the
DAC values need to be modified.
7.5
High-Voltage Command (HVC)
Signal
The High-Voltage Command (HVC) signal is used to
indicate that the command or sequence of commands
are in the High-Voltage mode. Signals higher than VIHH
(~9.0V) on the LAT/HVC pin puts the device into High-
Voltage mode. High-voltage commands allow the
device’s WiperLock technology and write-protect
features to be enabled and disabled.
TABLE 7-2:
SPI COMMANDS OVERVIEW AND COMMAND RATE
Command
# of Bit
Clocks(2)
Estimated Peak
Command Rate
(Commands/ms)(5)
Comments
Operation
Code
HV
Mode(1)
C1 C0
1MHz 10 MHz 20 MHz
WRITE Command
00
No(3) Single
24
41
416
833
00
No(3) Continuous
24 * n
READ Command(4)
11
No(3) Single
24
Read frequency can
be up to 10 MHz
11
No(3) Continuous
24 * n
Enable Configuration
Bit (High Voltage)
10
Yes
Single
8
125
1250
2500
10
Yes
Continuous
8 * n
Disable Configuration
Bit (High Voltage)
01
Yes
Single
8
01
Yes
Continuous
8 * n
Note 1:
Nonvolatile registers can only use the Single mode.
2:
“n” indicates the number of times the command operation is to be repeated.
3:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition
(CMDERR) will NOT be generated.
4:
This command is used to determine when an EEPROM programming cycle is complete.
5:
The actual voltage output update rate depends on several factors, such as output settling time, code,
reference voltage or load impedance.
Note 1: It is recommended that while the CS pin is
active, only one type of command should
be issued. When changing commands, it
is advisable to take the CS pin inactive,
then force it back to the Active state.
2: Long command strings should be broken
down into shorter command strings. This
reduces the probability of noise on the
SCK pin, corrupting the desired SPI
command string.
Note 1: There is a required delay after the HVC
pin is driven to the VIHH level on the first
edge of the SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com