Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments INA229 Datasheet HTML 33Page - Texas Instruments INA229 Datasheet HTML 34Page - Texas Instruments INA229 Datasheet HTML 35Page - Texas Instruments INA229 Datasheet HTML 36Page - Texas Instruments INA229 Datasheet HTML 37Page - Texas Instruments INA229 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Table 8-2. INA229-Q1 Noise Performance (continued)
ADC CONVERSION
TIME PERIOD [µs]
OUTPUT SAMPLE
AVERAGING [SAMPLES]
OUTPUT SAMPLE PERIOD
[ms]
NOISE-FREE ENOB
(±163.84-mV)
(ADCRANGE = 0)
NOISE-FREE ENOB
(±40.96-mV)
(ADCRANGE = 1)
50
1024
51.2
17.1
15.0
84
86.016
17.7
15.9
150
153.6
18.1
16.0
280
286.72
18.7
16.9
540
552.96
19.7
17.1
1052
1077.248
19.7
17.7
2074
2123.776
19.7
18.1
4120
4218.88
20
18.7
8.1.4 Input Filtering Considerations
As previously discussed, INA229-Q1 offers several options for noise filtering by allowing the user to select the
conversion times and number of averages independently in the ADC_CONFIG register. The conversion times
can be set independently for the shunt voltage and bus voltage measurements to allow added flexibility in
monitoring of the power-supply bus.
The internal ADC has good inherent noise rejection; however, the transients that occur at or very close to the
sampling rate harmonics can cause problems. Because these signals are at 1 MHz and higher, they can be
managed by incorporating filtering at the input of the device. Filtering high frequency signals enables the use of
low-value series resistors on the filter with negligible effects on measurement accuracy. For best results, filter
using the lowest possible series resistance (typically 100 Ω or less) and a ceramic capacitor. Recommended
values for this capacitor are between 0.1 µF and 1 µF. Figure 8-1 shows the device with a filter added at the
input.
Overload conditions are another consideration for the device inputs. The device inputs are specified to tolerate
±40 V differential across the IN+ and IN– pins. A large differential scenario might be a short to ground on the
load side of the shunt. This type of event can result in full power-supply voltage across the shunt (as long
the power supply or energy storage capacitors support it). Removing a short to ground can result in inductive
kickbacks that could exceed the 40-V differential or 85-V common-mode absolute maximum rating of the device.
Inductive kickback voltages are best controlled by Zener-type transient-absorbing devices (commonly called
transzorbs) combined with sufficient energy storage capacitance. See the Transient Robustness for Current
Shunt Monitors reference design which describes a high-side current shunt monitor used to measure the voltage
developed across a current-sensing resistor when current passes through it.
In applications that do not have large energy storage, electrolytic capacitors on one or both sides of the shunt,
an input overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard
physical short is the most likely cause of this event. This problem occurs because an excessive dV/dt can
activate the ESD protection in the device in systems where large currents are available. Testing demonstrates
that the addition of 10-Ω resistors in series with each input of the device sufficiently protects the inputs against
this dV/dt failure up to the 40-V maximum differential voltage rating of the device. Selecting these resistors in the
range noted has minimal effect on accuracy.
INA229-Q1
SLYS024A – MAY 2020 – REVISED JUNE 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA229-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com