Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA229 Datasheet HTML 10Page - Texas Instruments INA229 Datasheet HTML 11Page - Texas Instruments INA229 Datasheet HTML 12Page - Texas Instruments INA229 Datasheet HTML 13Page - Texas Instruments INA229 Datasheet HTML 14Page - Texas Instruments INA229 Datasheet HTML 15Page - Texas Instruments INA229 Datasheet HTML 16Page - Texas Instruments INA229 Datasheet HTML 17Page - Texas Instruments INA229 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
only the shunt voltage or bus voltage to further allow the user to configure the monitoring function to fit the
specific application requirements. When no averaging is selected, once an ADC conversion is completed, the
converted values are independently updated in their corresponding registers where they can be read through
the digital interface at the time of conversion end. The conversion time for shunt voltage, bus voltage, and
temperature inputs are set independently from 50 µs to 4.12ms depending on the values programmed in the
ADC_CONFIG register. Enabled measurement inputs are converted sequentially so the total time to convert
all inputs depends on the conversion time for each input and the number of inputs enabled. When averaging
is used, the intermediate values are subsequently stored in an averaging accumulator, and the conversion
sequence repeats until the number of averages is reached. After all of the averaging has been completed, the
final values are updated in the corresponding registers that can then be read. These values remain in the data
output registers until they are replaced by the next fully completed conversion results. In this case, reading the
data output registers does not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until another
single-shot trigger is generated by writing to the MODE bits. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. Although the device can be read at any time, and
the data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in DIAG_ALRT
register) is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging
is completed.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the DIAG_ALRT Register
While the INA229-Q1 device is used in either one of the conversion modes, a dedicated digital engine is
calculating the current, power, charge and energy values in the background as described in Section 7.3.2. In
triggered mode, the accumulation registers (ENERGY and CHARGE) are invalid, as the device does not keep
track of elapsed time. For applications that need critical measurements in regards to accumulation of time for
energy and charge measurements, the device must be configured to use continuous conversion mode, as the
accumulated results are continuously updated and can provide true system representation of charge and energy
consumption in a system. All of the calculations are performed in the background and do not contribute to
conversion time.
For applications that must synchronize with other components in the system, the INA229-Q1 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0 (no delay) and 510
ms. The resolution in programming the conversion delay is 2 ms. The conversion delay is set to 0 by default.
Conversion delay can assist in measurement synchronization when multiple external devices are used for
voltage or current monitoring purposes. In applications where an time aligned voltage and current measurements
are needed, two devices can be used with the current measurement delayed such that the external voltage and
current measurements will occur at approximately the same time. Keep in mind that even though the internal
time base for the ADC is precise, synchronization will be lost over time due to internal and external time base
mismatch.
7.3.4.1 Low Latency Digital Filter
The device integrates a low-pass digital filter that performs both decimation and filtering on the ADC output
data, which helps with noise reduction. The digital filter is automatically adjusted for the different output data
rates and always settles within one conversion cycle. The user has the flexibility to choose different output
conversion time periods TCT from 50 µs to 4.12 ms. With this configuration the first amplitude notch appears
at the Nyquist frequency of the output signal which is determined by the selected conversion time period and
defined as fNOTCH= 1 / (2 x TCT). This means that the filter cut-off frequency will scale proportionally with the data
output rate as described. ADC Frequency Response shows the filter response when the 1.052 ms conversion
time period is selected.
INA229-Q1
SLYS024A – MAY 2020 – REVISED JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA229-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com