Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 1 Page - Texas Instruments

  INA229 Datasheet HTML 1Page - Texas Instruments INA229 Datasheet HTML 2Page - Texas Instruments INA229 Datasheet HTML 3Page - Texas Instruments INA229 Datasheet HTML 4Page - Texas Instruments INA229 Datasheet HTML 5Page - Texas Instruments INA229 Datasheet HTML 6Page - Texas Instruments INA229 Datasheet HTML 7Page - Texas Instruments INA229 Datasheet HTML 8Page - Texas Instruments INA229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With
SPI Interface
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-resolution, 20-bit delta-sigma ADC
• Current monitoring accuracy:
– Offset voltage: ±1 µV (maximum)
– Offset drift: ±0.01 µV/°C (maximum)
– Gain error: ±0.05% (maximum)
– Gain error drift: ±20 ppm/°C (maximum)
– Common mode rejection: 154 dB (minimum)
• Power monitoring accuracy:
– 0.5% full scale, –40°C to +125°C (maximum)
• Energy and charge accuracy:
– 1.0% full scale (maximum)
• Fast alert response: 75 μs
• Wide common-mode range: –0.3 V to +85 V
• Bus voltage sense input: 0 V to 85 V
• Shunt full-scale differential range:
±163.84 mV / ±40.96 mV
• Input bias current: 2.5 nA (maximum)
• Temperature sensor: ±1°C (maximum at 25°C)
• Programmable resistor temperature compensation
• Programmable conversion time and averaging
• 10-MHz SPI communication interface
• Operates from a 2.7-V to 5.5-V supply:
– Operational current: 640 µA (typical)
– Shutdown current: 5 µA (maximum)
2 Applications
• Automotive battery management systems
• EV / HEV mA - KA sense applications
• DC/DC converters and power inverters
• ADAS domain controllers
3 Description
The INA229-Q1 is an ultra-precise digital power
monitor with a 20-bit delta-sigma ADC specifically
designed for current-sensing applications. The device
can measure a full-scale differential input of ±163.84
mV or ±40.96 mV across a resistive shunt sense
element with common-mode voltage support from –
0.3 V to +85 V.
The
INA229-Q1
reports
current,
bus
voltage,
temperature, power, energy and charge accumulation
while employing a precision ±0.5% integrated
oscillator, all while performing the needed calculations
in the background. The integrated temperature sensor
is ±1°C accurate for die temperature measurement
and is useful in monitoring the system ambient
temperature.
The low offset and gain drift design of the INA229-
Q1 allows the device to be used in precise systems
that do not undergo multi-temperature calibration
during manufacturing. Further, the very low offset
voltage and noise allow for use in mA to kA
sensing applications and provide a wide dynamic
range without significant power dissipation losses
on the sensing shunt element. The low input bias
current of the device permits the use of larger current-
sense resistors, thus providing accurate current
measurements in the micro-amp range.
The device allows for selectable ADC conversion
times from 50 µs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA229-Q1
VSSOP (10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Oscillator
Voltage
Current
Power
Energy
Charge
Temp
+
±
SCLK
MOSI
MISO
CS
VS
Power
GND
ALERT
IN+
IN-
VBUS
SPI
20 Bit
ADC
Reference
Out-of-range
Threshold
MUX
Simplified Block Diagram
INA229-Q1
SLYS024A – MAY 2020 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229 TI-INA229 Datasheet
1Mb / 40P
INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA229-Q1 TI1-INA229-Q1 Datasheet
856Kb / 36P
INA229-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA2290 TI-INA2290 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA2290 TI-INA2290 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA2290 TI-INA2290 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
More results

Similar Description - INA229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229-Q1 TI1-INA229-Q1 Datasheet
856Kb / 36P
INA229-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA239-Q1 TI1-INA239-Q1 Datasheet
826Kb / 32P
INA239-Q1 85-V, 16-Bit, Ultra-Precise Power Monitor With SPI Interface
INA228-Q1 TI1-INA228-Q1 Datasheet
833Kb / 37P
INA228-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA228 TI-INA228 Datasheet
2Mb / 48P
INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA229 TI-INA229 Datasheet
1Mb / 40P
INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA228-Q1 TI-INA228-Q1_V01 Datasheet
2Mb / 50P
INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA237-Q1 TI-INA237-Q1_V01 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238-Q1 TI-INA238-Q1_V01 Datasheet
2Mb / 48P
INA238-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA239-Q1 TI-INA239-Q1_V01 Datasheet
2Mb / 47P
INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com