Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA229 Datasheet HTML 12Page - Texas Instruments INA229 Datasheet HTML 13Page - Texas Instruments INA229 Datasheet HTML 14Page - Texas Instruments INA229 Datasheet HTML 15Page - Texas Instruments INA229 Datasheet HTML 16Page - Texas Instruments INA229 Datasheet HTML 17Page - Texas Instruments INA229 Datasheet HTML 18Page - Texas Instruments INA229 Datasheet HTML 19Page - Texas Instruments INA229 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Settings for the conversion time and number of conversions averaged impact the effective measurement
resolution. For more detailed information on how averaging reduces noise and increases the effective number of
bits (ENOB) see Section 8.1.3.
7.3.5 Shunt Resistor Drift Compensation
The INA229-Q1 device has an internal temperature sensor which can measure die temperature from –40 °C
to +125 °C. The accuracy of the temperature sensor is ±2 °C across the operational temperature range. The
temperature value is stored inside the DIETEMP register and can be read through the digital interface.
The device has the capability to utilize the temperature measurement to compensate for shunt resistor
temperature variance. This feature can be enabled by setting the TEMPCOMP bit in the CONFIG register, while
the SHUNT_TEMPCO is the register that can be programmed to enter the temperature coefficient of the used
shunt. The full scale value of the SHUNT_TEMPCO register is 16384 ppm/°C. The temperature compensation
is referenced to +25 °C . The shunt is always assumed to have a positive temperature coefficient and the
temperature compensation follows Equation 1:
RADJ = RNOM +
RNOM x (DIETEMP - 25) x SHUNT_TEMPCO
10
6
(1)
where
• RNOM is the nominal shunt resistance in Ohms at 25 °C.
• DIETEMP is the temperature value in the DIETEMP register in °C.
• SHUNT_TEMPCO is the shunt temperature coefficient in ppm/°C.
When this feature is enabled and correctly programmed, the CURRENT register data is corrected by constantly
monitoring the die temperature and becomes a function of temperature. The effectiveness of the compensation
will depend on how well the resistor and the INA229-Q1 are thermally coupled since the die temperature of the
INA229-Q1 is used for the compensation.
Note
Warning: If temperature compensation is enabled under some conditions, the calculated current
result may be lower than the actual value. This condition typically occurs when there is a high value
of shunt voltage ( >70% of full range), there is a shunt with high temperature-coefficient value ( >2000
ppm/°C), and there is a high temperature ( >100°C). Consider the example of constant current flowing
through a high temperature coefficient shunt such that at lower temperatures the shunt voltage is
in its upper range. As the temperature increases, the device will correctly report a constant current
until the maximum shunt voltage is reached. As temperature continues to increase after the maximum
shunt voltage is reached, the device will start reporting lower currents. This is because the effective
resistance calculated will continue to increase while the detected shunt voltage will remain constant
due to the voltage exceeding the selected ADC range.
7.3.6 Integrated Precision Oscillator
The internal timebase of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions, as well as
the time-count used for calculation of energy and charge. The digital filter response varies with conversion time;
therefore, the precise clock ensures filter response and notch frequency consistency across temperature. On
power up, the internal oscillator and ADC take roughly 300 µs to reach <1% error stability. Once the clock
stabilizes, the ADC data output will be accurate to the electrical specifications provided in Section 6.
7.3.7 Multi-Alert Monitoring and Fault Detection
The INA229-Q1 includes a multipurpose, open-drain ALERT output pin that can be used to report multiple
diagnostics or as an indicator that the ADC conversion is complete when the device is operating in both
triggered and continuous conversion mode. The diagnostics listed in Table 7-1 are constantly monitored and can
INA229-Q1
SLYS024A – MAY 2020 – REVISED JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA229-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com