Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7.6 Electrical Characteristics: G = 2 (continued)
at VS = ±2.25 V to ±18 V, TA = 25°C, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total harmonic distortion +
noise
f = 1 kHz, VOUT = 2.8 VRMS
0.00066
%
Noise floor, RTO
80-kHz bandwidth, VOUT = 3.5 VRMS
–110
dB
tDR
Overload recovery time
200
ns
POWER SUPPLY
IQ
Quiescent current
IOUT = 0 mA
TA = 25°C
1.1
1.2
mA
TA = –40°C to +125°C
1.5
mA
(1)
Specified by wafer test to 95% confidence level.
7.7 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Table 7-1. Table of Graphs
DESCRIPTION
FIGURE
Typical Distribution of Offset Voltage (RTO) G= 1/2, VS = ±2.25 V
Figure 7-1
Typical Distribution of Offset Voltage (RTO) G= 2, , VS = ±2.25 V
Figure 7-2
Typical Distribution of Offset Voltage (RTO) G= 1/2, , VS = ±18 V
Figure 7-3
Typical Distribution of Offset Voltage (RTO) G= 2, VS = ±18 V
Figure 7-4
Typical Distribution of Offset Voltage Drift (RTO) G = 1/2
Figure 7-5
Typical Distribution of Offset Voltage Drift (RTO) G = 2
Figure 7-6
Output Offset Voltage vs Temperature G = 1/2
Figure 7-7
Output Offset Voltage vs Temperature G = 2
Figure 7-8
Offset Voltage vs Common-Mode Voltage G = 1/2
Figure 7-9
Offset Voltage vs Common-Mode Voltage G = 2
Figure 7-10
Input Bias Current vs Temperature G = 1/2 and G = 2
Figure 7-11
Input Offset Current vs Temperature
Figure 7-12
Input Bias Current vs Common Mode Voltage G = 1/2
Figure 7-13
Input Bias Current vs Common Mode Voltage G = 2
Figure 7-14
Typical CMRR Distribution G= 1/2, Vs = ±2.25 V
Figure 7-15
Typical CMRR Distribution G = 2, Vs = ±2.25 V
Figure 7-16
Typical CMRR Distribution G= 1/2, Vs = ±18 V
Figure 7-17
Typical CMRR Distribution G = 2, Vs = ±18 V
Figure 7-18
CMRR vs Temperature G= 1/2
Figure 7-19
CMRR vs Temperature G= 2
Figure 7-20
Common-Mode Rejection Ratio vs Frequency (RTI) G = 1/2 and 2
Figure 7-21
Maximum Output Voltage vs Frequency
Figure 7-22
PSRR vs Temperature G = 1/2
Figure 7-23
PSRR vs Temperature G = 2
Figure 7-24
PSRR vs Frequency (RTI) G = 1/2
Figure 7-25
PSRR vs Frequency (RTI) G = 2
Figure 7-26
Typical Distribution of Gain Error G = 1/2, VS = ±2.25 V
Figure 7-27
Typical Distribution of Gain Error G = 2, VS = ±2.25 V
Figure 7-28
Gain Error vs Temperature G = 1 /2
Figure 7-29
Gain Error vs Temperature G = 2
Figure 7-30
Closed-Loop Gain vs Frequency G = 1/2
Figure 7-31
Closed-Loop Gain vs Frequency G = 2
Figure 7-32
Voltage Noise Spectral Density vs Frequency (RTI) G = 1/2
Figure 7-33
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com