Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 3 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
INA597
Cost-effective, wide-bandwidth e-trim™ difference amplifier
G = 0.5 V/V or 2 V/V
INA592
High-precision, wide-bandwidth e-trim™ difference amplifier
G = 0.5 V/V or 2 V/V
INA159
High-speed, precision, gain of 0.2 level translation difference amplifier
G = 0.2 V/V
INA137
Audio differential line receiver ±6 dB (G = 1/2 or 2)
G = 0.5 V/V or 2 V/V
INA132
Low-power, single-supply difference amplifier
G = 1 V/V
INA819
35-µV offset, 0.4 µV/°C VOS drift, 8-nV/√Hz noise, low-power, precision instrumentation amplifier
G = 1 + 50 kΩ / RG
INA821
35-µV offset, 0.4 µV/°C VOS drift, 7-nV/√Hz noise, high-bandwidth, precision instrumentation amplifier
G = 1 + 49.4 kΩ / RG
INA333
25-µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO, 50-µA IQ, chopper-stabilized INA
G = 1 + 100 kΩ / RG
PGA280 20-mV to ±10-V Programmable Gain IA With 3-V or 5-V Differential Output; Analog Supply up to ±18 V Digital programmable
PGA112 Precision Programmable Gain Op Amp With SPI
Digital programmable
6 Pin Configuration and Functions
1
REF
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
SENSE
NC = No Connection
Figure 6-1. D (8-Pin SOIC) and DGK (8-Pin VSSOP)
Packages, Top View
1
–INOP
2
REF
3
–IN
4
+IN
5
V–
6
SENSE
7
OUT
8
V+
9
NC
10
+INOP
Thermal
Pad
Not to scale
Figure 6-2. DRC (10-Pin VSON With Thermal Pad)
Package, Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
D (SOIC),
DGK (VSSOP)
DRC (VSON)
+IN
3
4
I
12-kΩ resistor to noninverting terminal of op amp.
Used as positive input in G = ½ configuration.
Used as reference pin in G = 2 configuration.
–IN
2
3
I
12-kΩ resistor to inverting terminal of op amp.
Used as negative input in G = ½ configuration.
Connect to output in G = 2 configuration.
+INOP
—
10
I
Direct connection to noninverting terminal of op amp
–INOP
—
1
I
Direct connection to inverting terminal of op amp
NC
8
9
—
No internal connection (can be left floating)
OUT
6
7
O
Output
REF
1
2
I
6-kΩ resistor to noninverting terminal of op amp.
Used as reference pin in G = ½ configuration.
Used as positive input in G = 2 configuration.
SENSE
5
6
I
6-kΩ resistor to inverting terminal of op amp.
Connect to output in G = ½ configuration.
Used as negative input in G = 2 configuration.
V+
7
8
—
Positive (highest) power supply
V–
4
5
—
Negative (lowest) power supply
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com