Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
8 Detailed Description
8.1 Overview
The INA597 consists of a high-precision, e-trim™ operational amplifier and four trimmed resistors. These
resistors can be connected to make a wide variety of amplifier configurations, including difference, noninverting,
and inverting configurations. Using the on-chip resistors of the INA597 provides the designer with several
advantages over a discrete design. The INA597 also includes internal compensation capacitors, as shown in
Section 8.2.
8.2 Functional Block Diagram
V+
V±
REF
6 k
12 k
6 k
12 k
OUT
+IN
±IN
+
±
SENSE
16 pF
16 pF
V±
INA597
8.3 Feature Description
Much of the dc performance of op-amp circuits depends on the accuracy of the surrounding resistors. The
resistors on the INA597 are laid out to be tightly matched. The resistors of each part are matched on-chip and
tested for their matching accuracy. As a result of this trimming and testing, the INA597 provides high accuracy
for specifications such as gain drift, common-mode rejection, and gain error.
8.4 Device Functional Modes
The INA597 measures voltages beyond the rails. For the G = ½ and G = 2 difference amplifier configurations,
see the input voltage range in Section 7 for details. The INA597 can be configured in several ways; see
Figure 9-5 to Figure 9-9. These configurations rely on the internal, matched resistors; therefore, all of these
configurations have excellent gain accuracy and gain drift.
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com