Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
9.2.5 Differential Input Data Acquisition
5
6
1
INA597
ADS7806
2
3
4
7
5 V
–IN
12 Bits
Out
0-V to 4-V
Input
+IN
V
= 0 V to 8 V
CM
tS = 45 µs (4-V Step to 0.01%)
Figure 9-8. Differential Input Data Acquisition
9.2.6 Precision Voltage-to-Current Conversion
12 k
6 k
2
3
1
6
5
V
±IN
V
+IN
V
OUT
V
REF
V+
7
4
6 k
12 k
R2
50.1
R
1
R
2
R
3
R
4
R1
50.1
R
L
I
OUT = 4 mA to 20 mA
INA597
Set R1 = R2
2N3904
12.5 k
1 k
50 k
0-V to 10-V in
OPA192
2
15 V
REF10
6
4
10 V
OUT
IN
IN
2
1
1
I
2
V
V
40 k
R
§
·
˜
¨
¸
:
©
¹
For 4-mA to 20-mA applications,
the REF10 sets the 4-mA,
low-scale output for the 0-V input.
Figure 9-9. Precision Voltage-to-Current Conversion
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com