Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140IRTER Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 29Page - Texas Instruments PCMD3140IRTER Datasheet HTML 30Page - Texas Instruments PCMD3140IRTER Datasheet HTML 31Page - Texas Instruments PCMD3140IRTER Datasheet HTML 32Page - Texas Instruments PCMD3140IRTER Datasheet HTML 33Page - Texas Instruments PCMD3140IRTER Datasheet HTML 34Page - Texas Instruments PCMD3140IRTER Datasheet HTML 35Page - Texas Instruments PCMD3140IRTER Datasheet HTML 36Page - Texas Instruments PCMD3140IRTER Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
7.3.6.7 Configurable Digital Decimation Filters
The device record channel includes a high dynamic range, built-in digital decimation filter to process the
oversampled PDM data stream from the digital microphone to generate digital data at the same Nyquist
sampling rate as the FSYNC rate. The decimation filter can be chosen from three different types, depending
on the required frequency response, group delay, and phase linearity requirements for the target application. The
selection of the decimation filter option can be done by configuring the DECI_FILT (P0_R107_D[5:4]) register
bits. Table 7-18 shows the configuration register setting for the decimation filter mode selection for the record
channel.
Table 7-18. Decimation Filter Mode Selection for the Record Channel
P0_R107_D[5:4] : DECI_FILT[1:0]
DECIMATION FILTER MODE SELECTION
00 (default)
Linear phase filters are used for the decimation
01
Low latency filters are used for the decimation
10
Ultra-low latency filters are used for the decimation
11
Reserved (do not use this setting)
7.3.6.7.1 Linear Phase Filters
The linear phase decimation filters are the default filters set by the device and can be used for all applications
that require a perfect linear phase with zero-phase deviation within the pass-band specification of the filter.
The filter performance specifications and various plots for all supported output sampling rates are listed in this
section.
7.3.6.7.1.1 Sampling Rate: 7.35 kHz to 8 kHz
Figure 7-19 and Figure 7-20 respectively show the magnitude response and the pass-band ripple for a
decimation filter with a sampling rate of 7.35 kHz to 8 kHz. Table 7-19 lists the specifications for a decimation
filter with a 7.35-kHz to 8-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 7-19. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 7-20. Linear Phase Decimation Filter Pass-
Band Ripple
Table 7-19. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
72.7
dB
Frequency range is 4 × fS onwards
81.2
Group delay or latency
Frequency range is 0 to 0.454 × fS
17.1
1/fS
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com