Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140IRTER Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 69Page - Texas Instruments PCMD3140IRTER Datasheet HTML 70Page - Texas Instruments PCMD3140IRTER Datasheet HTML 71Page - Texas Instruments PCMD3140IRTER Datasheet HTML 72Page - Texas Instruments PCMD3140IRTER Datasheet HTML 73Page - Texas Instruments PCMD3140IRTER Datasheet HTML 74Page - Texas Instruments PCMD3140IRTER Datasheet HTML 75Page - Texas Instruments PCMD3140IRTER Datasheet HTML 76Page - Texas Instruments PCMD3140IRTER Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
Figure 7-99. CH2_CFG2 Register (continued)
Table 7-76. CH2_CFG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CH2_DVOL[7:0]
R/W
11001001b
Channel 2 digital volume control.
0d = Digital volume is muted
1d = Digital volume control is set to -100 dB
2d = Digital volume control is set to -99.5 dB
3d to 200d = Digital volume control is set as per configuration
201d = Digital volume control is set to 0 dB
202d = Digital volume control is set to 0.5 dB
203d to 253d = Digital volume control is set as per configuration
254d = Digital volume control is set to 26.5 dB
255d = Digital volume control is set to 27 dB
7.6.1.33 CH2_CFG3 Register (Address = 0x44) [Reset = 0x80]
CH2_CFG3 is shown in Figure 7-100 and described in Table 7-77.
Return to the Table 7-44.
This register is configuration register 3 for channel 2.
Figure 7-100. CH2_CFG3 Register
7
6
5
4
3
2
1
0
CH2_GCAL[3:0]
RESERVED
R/W-1000b
R-0000b
Table 7-77. CH2_CFG3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
CH2_GCAL[3:0]
R/W
1000b
Channel 2 gain calibration.
0d = Gain calibration is set to -0.8 dB
1d = Gain calibration is set to -0.7 dB
2d = Gain calibration is set to -0.6 dB
3d to 7d = Gain calibration is set as per configuration
8d = Gain calibration is set to 0 dB
9d = Gain calibration is set to 0.1 dB
10d to 13d = Gain calibration is set as per configuration
14d = Gain calibration is set to 0.6 dB
15d = Gain calibration is set to 0.7 dB
3-0
RESERVED
R
0000b
Reserved bits; Write only reset value
7.6.1.34 CH2_CFG4 Register (Address = 0x45) [Reset = 0x0]
CH2_CFG4 is shown in Figure 7-101 and described in Table 7-78.
Return to the Table 7-44.
This register is configuration register 4 for channel 2.
Figure 7-101. CH2_CFG4 Register
7
6
5
4
3
2
1
0
CH2_PCAL[7:0]
R/W-00000000b
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com