Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140IRTER Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 79Page - Texas Instruments PCMD3140IRTER Datasheet HTML 80Page - Texas Instruments PCMD3140IRTER Datasheet HTML 81Page - Texas Instruments PCMD3140IRTER Datasheet HTML 82Page - Texas Instruments PCMD3140IRTER Datasheet HTML 83Page - Texas Instruments PCMD3140IRTER Datasheet HTML 84Page - Texas Instruments PCMD3140IRTER Datasheet HTML 85Page - Texas Instruments PCMD3140IRTER Datasheet HTML 86Page - Texas Instruments PCMD3140IRTER Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
Table 7-95. VAD_CFG1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
VAD_CH_SEL[1:0]
R/W
10b
VAD channel select.
0d = Channel 1 is monitored for VAD activity
1d = Channel 2 is monitored for VAD activity
2d = Channel 3 is monitored for VAD activity
3d = Channel 4 is monitored for VAD activity
3-2
VAD_CLK_CFG[1:0]
R/W
00b
Clock select for VAD
0d = VAD processing using internal oscillator clock
1d = VAD processing using external clock on BCLK input
2d = VAD processing using external clock on MCLK input
3d = Custom clock configuration based on MST_CFG, CLK_SRC
and CLKGEN_CFG registers in page 0
1-0
VAD_EXT_CLK_CFG[1:0] R/W
00b
Clock configuration using external clock for VAD.
0d = External clock is 3.072 MHz
1d = External clock is 6.144 MHz
2d = External clock is 12.288 MHz
3d = External clock is 18.432 MHz
7.6.2.3 VAD_CFG2 Register (Address = 0x1F) [Reset = 0x8]
VAD_CFG2 is shown in Figure 7-118 and described in Table 7-96.
Return to the Table 7-93.
This register is configuration register 2 for voice activity detection.
Figure 7-118. VAD_CFG2 Register
7
6
5
4
3
2
1
0
RESERVED
SDOUT_INT_C
FG
RESERVED
RESERVED
VAD_PD_DET_
EN
RESERVED
R/W-0b
R/W-0b
R-0b
R/W-0b
R/W-1b
R-000b
Table 7-96. VAD_CFG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0b
Reserved bit; Write only reset value
6
SDOUT_INT_CFG
R/W
0b
SDOUT interrupt configuration.
0d = SDOUT pin is not enabled for interrupt function
1d = SDOUT pin is enabled to support interrupt output when channel
data in not being recorded
5
RESERVED
R
0b
Reserved bit; Write only reset value
4
RESERVED
R/W
0b
Reserved bit; Write only reset value
3
VAD_PD_DET_EN
R/W
1b
Enable ASI output data during VAD activity.
0d = VAD processing is not enabled during ADC recording
1d = VAD processing is enabled during ADC recording and VAD
interrupts are generated as configured
2-0
RESERVED
R
000b
Reserved bits; Write only reset values
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com