Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140IRTER Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 49Page - Texas Instruments PCMD3140IRTER Datasheet HTML 50Page - Texas Instruments PCMD3140IRTER Datasheet HTML 51Page - Texas Instruments PCMD3140IRTER Datasheet HTML 52Page - Texas Instruments PCMD3140IRTER Datasheet HTML 53Page - Texas Instruments PCMD3140IRTER Datasheet HTML 54Page - Texas Instruments PCMD3140IRTER Datasheet HTML 55Page - Texas Instruments PCMD3140IRTER Datasheet HTML 56Page - Texas Instruments PCMD3140IRTER Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
7.6 Register Maps
This section describes the control registers for the device in detail. All registers are eight bits in width and are
allocated to device configuration and programmable coefficients settings. These registers are mapped internally
using a page scheme that can be controlled using I2C communication to the device. Each page contains 128
bytes of registers. All device configuration registers are stored in page 0, which is the default page setting at
power up (and after a software reset). All programmable coefficient registers are located in page 2, page 3, and
page 4. The device current page can be switch to a new desired page by using the PAGE[7:0] bits located in
register 0 of every page.
Do not read from or write to reserved pages or reserved registers. Write only default values for the reserved bits
in the valid registers.
The procedure for register access across pages is:
• Select page N (write data N to register 0 regardless of the current page number)
• Read or write data from or to valid registers in page N
• Select the new page M (write data M to register 0 regardless of the current page number)
• Read or write data from or to valid registers in page M
• Repeat as needed
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com