Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMLTH Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
23
Quad Output Fast Read (6BH )
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each
bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per
clock cycle from IO3, IO2, IO1 and IO0. The command sequence is shown in Figure 9. The first byte
addressed can be at any location. The address is automatically incremented to the next address after
each byte of data is shifted out.
Dual I/O Fast Read(BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the
capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by SI
and SO, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted
out 2-bit per clock cycle from SI and SO. The command sequence is shown in Figure 10. The first byte
addressed can be at any location. The address is automatically incremented to the next address after
each byte of data is shifted out.
Dual I/O Fast Read with “Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode” bits (M7- 0) after the input 3-byte address (A23-A0). If the “Continuous Read
Mode” bits (M5- 4) =(1, 0), then the next Dual I/O Fast Read command (after CS# is raised and then
lowered) does not require the BBH command code. The command sequence is shown in figure 10a. If the
“Continuous Read Mode” bits (M5- 4) do not equal (1, 0), the next command requires the first BBH
command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be
used to reset (M5- 4) before issuing normal command.
Figure9. Quad Output Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com