Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMLTH Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
27
Quad I/O Word Fast Read(E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the
lowest address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in
followed Figure 12. The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of
Status Register (S9) must be set to enable for the Quad I/O Word Fast read command.
Quad I/O Word Fast Read with “Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read
Mode” bits (M5- 4) =(1, 0), then the next Quad I/O Word Fast Read command (after CS# is raised and
then lowered) does not require the E7H command code. The command sequence is shown in followed
Figure 12a. If the “Continuous Read Mode” bits (M5- 4) do not equal (1, 0), the next command requires
the first E7H command code, thus returning to normal operation. A “Continuous Read Mode” Reset
command can be used to reset (M7-0) before issuing normal command.
Figure12.Quad I/O Word Fast Read Sequence Diagram (M5-
4≠(1, 0))
Figure12a.Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com