Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMLTH Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
32
The Sector Erase command sequence: CS# goes low→sending Sector Erase command→3-byte address
on SI→CS# goes high. The command sequence is shown in Figure16. CS# must be driven high after the
eighth bit of the last address byte has been latched in; otherwise the Sector Erase (SE) command is not
executed. As soon as CS# is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is
initiated. While the Sector Erase cycle is in progress, the Status Register may be read to check the value
of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write
Enable Latch (WEL) bit is reset. A Sector Erase( (SE) command applied to a sector which is protected by
the Block Protect(BP4, BP3,BP2, BP1, and BP0) bit (see Table1 &1.1) will not be executed.
32KB Block Erase (BE) (52H)
The 32KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit. The
32KB Block Erase (BE) command is entered by driving CS# low, followed by the command code, and
three address bytes on SI. Any address inside the block is a valid address for the 32KB Block Erase (BE)
command. CS# must be driven low for the entire duration of the sequence.
Figure16. Sector Erase Sequence Diagram
Figure16a. Sector Erase Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com