Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMLTH Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE25AA320GFMLTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
3
Packaging Type
SOP-8/SOP-8L
TSSOP-8
USON3*2-8/USON4*3-8/USON4*4-8
WSON-8
Pin Configurations
Pin Name
I/O
Functions
CS#
I
Chip Select Input
SO(IO1)
I/O
Data Output(Data Input Output 1)
WP#(IO2)
I/O
Write Protect Input (Data Input Output 2)
VSS
Ground
SI(IO0)
I/O
Data Input(Data Input Output 0)
SCLK
I
Serial Clock Input
HOLD#(IO3)
I/O
Hold Input (Data Input Output 3)
VCC
Power Supply
Ordering information
ACE25AA320G XX + X H
Pb - free
U: Tube
T: Tape and Reel
FM: SOP-8
FML: SOP-8L (208mil)
TM: TSSOP-8
UA8: USON3*2-8
UB8: USON4*3-8
UD8A: USON4*4-8(0.55~0.80)
MM: WSON-8
Halogen-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com