Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-US2-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R10M-US2-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-US2-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R10M-US2-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 7Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: R10M-US2
R10M-US2 SPECIFICATIONS
ES-6249 Rev.0 Page 3/8
https://www.m-system.co.jp/
INPUT TYPE, RANGE & CONVERSION ACCURACY
[Table 1]
INPUT TYPE
INPUT RANGE
CONVERSION ACCURACY
DC Current
0 - +20 mA DC
±20 μA
DC Voltage
-1000 - +1000 mV DC
When maximum input*2 is 60 mV or less: ±80 μV
When maximum input*2 is 120 mV or less: ±150 μV
When maximum input*2 exceeds 120 mV: ±1 mV 
-10 - +10 V DC
±10 mV
Potentiometer*3
0 - 300Ω, 0 - 600Ω, 0 - 4000Ω
Larger value of either ±0.1 Ω or ±0.1 %
Resistor*3
0 - 4000Ω
Larger value of either ±0.1 Ω or ±0.1 %
Thermocouple*3
°C
°F
Input range
Usable range
Conv. accuracy*1 Comformance range Input Range Usable range Conv. accuracy*1 Comformance range
0 - 1760
-50 - 1810
±2.0
0 - 1760
32 - 3200
-58 - +3290
±3.6
32 - 3200
K
-270 - +1370 -273.2 - +1420
±1.0
-150 - +1370 -454 - +2498
-460 - +2588
±1.8
-238 - +2498
E
-270 - +1000 -273.2 - +1050
±1.0
-170 - +1000 -454 - +1832
-460 - +1922
±1.8
-274 - +1832
J
-210 - +1200
-260 - +1250
±1.0
-180 - +1200 -346 - +2192
-436 - +2282
±1.8
-292 - +2192
T
-270 - +400
-273.2 - +450
±1.0
-170 - +400
-454 - +752
-460 - +842
±1.8
-274 - +752
B
100 - +1820
20 - 1870
±2.0
400 - 1760
212 - 3308
68 - 3398
±3.6
752 - 3200
R
-50 - +1760
-100 - +1810
±2.0
200 - 1760
-58 - +3200
-148 - +3290
±3.6
392 - 3200
S
-50 - +1760
-100 - +1810
±2.0
0 - 1760
-58 - +3200
-148 - +3290
±3.6
32 - 3200
C
0 - 2315
-50 - +2365
±2.0
0 - 2315
32 - 4199
-58 - +4289
±3.6
32 - 4199
N
-270 - +1300 -273.2 - +1350
±1.0
-130 - +1300 -454 - +2372
-460 - +2462
±1.8
-202 - +2372
U
-200 - +600
-250 - +650
±1.0
-200 - +600 -328 - +1112
-418 - +1202
±1.8
-328 - +1112
L
-200 - +900
-250 - +950
±1.0
-200 - +900 -328 - +1652
-418 - +1742
±1.8
-328 - +1652
P
0 - 1395
-50 - +1445
±1.0
0 - 1395
32 - 2543
-58 - +2633
±1.8
32 - 2543
RTD*3
°C
°F
Input Range Usable range
Conv. accuracy*1 Comformance range Input Range Usable range Conv. accuracy*1 Comformance range
Pt 100
(JIS’97, IEC)
-200 - +850
-240 - +900
±1.0
-200 - +850 -328 - +1562
-400 - +1652
±1.8
-328 - +1562
Pt 500
-200 - +850
-240 - +900
±0.5
-200 - +850 -328 - +1562
-400 - +1652
±0.9
-328 - +1562
Pt 1000
-200 - +850
-240 - +900
±0.5
-200 - +850 -328 - +1562
-400 - +1652
±0.9
-328 - +1562
Pt 50Ω
(JIS’ 81)
-200 - +649
-230 - +700
±2.0
-200 - +649 -328 - +1200
-391 - +1292
±3.6
-328 - +1200
JPt 100
(JIS’ 89)
-200 - +510
-235 - +560
±1.0
-200 - +510
-328 - +950
-391 - +1040
±1.8
-328 - +950
Ni 508.4Ω
-50 - +200
-100 - +250
±0.5
-50 - +200
-58 - +392
-148 - +482
±0.9
-58 - +392
Cu 10
(25°C)
-50 - +250
-210 - +300
±3.0
-50 - +250
-58 - +482
-148 - +572
±5.4
-58 - +482
*1. Thermocouple: Cold junction compensation error is not included in above figures. Take it into account when cold junction compensation
is enabled.
*2. Maximum input: Absolute value of zero input or full input, whichever is greater.
*3. Burnout (potentiometer, resistor, thermocouple or RTD): -32768 - 32767.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com