Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-US2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R10M-US2-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-US2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R10M-US2-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 7Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R10M-US2
R10M-US2 SPECIFICATIONS
ES-6249 Rev.0 Page 4/8
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R10CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ UNIVERSAL INPUT SETTING
Each channel can be set independently.
ITEM
SETTING RANGE
DEFAULT
SETTING
Input type
DC Current
0 - 20 mA DC
0 - 20 mA DC
DC Voltage
-1000 - +1000 mV DC, -10 - +10 V DC
Potentiometer
0 - 4000 Ω, 0 - 600 Ω, 0 - 300 Ω
Resistor
0 - 4000 Ω
Thermocouple (PR), K (CA), E (CRC), J (IC), T (CC), B (RH), R, S, C (WRe 5-26),
N, U, L, P (Platinel II)
RTD
Pt 100, Pt 500, Pt 1000, Pt 50 Ω, JPt 100, Ni 508.4 Ω, Cu 10 (25°C)
Wiring
2-wire / 3-wire
3-wire
CJC
without / with
with
Temp. unit
°C / °F
°C
Zero input
within the available range
0.000 (mA)
Full input
within the available range (full input ≥ zero input)
20.000 (mA)
Zero fine adj.
-5.00 - 5.00 (%)
0.00(%)
Gain fine adj.
0.9500 - 1.0500
1.0000
Zero scaling
-32000 - 32000
0
Full scaling
-32000 - 32000
10000
Burnout
without / with
with
Burnout value
-32768 - 32767
32767
First-order filter time constant 0.0 - 60.0 (sec.)
0.0 (sec.)
■ MODBUS SETTING
ITEM
SETTING RANGE
DEFAULT
SETTING
Data Mode
Modbus-RTU / Modbus-ASCII
Modbus-RTU
Address
1 - 247
1
Baud Rate
38400 / 19200 / 9600 / 4800 bps
38400 bps
Parity
None / Odd / Even
None
Communication timeout duration 0.1 - 3200.0 (sec.)
3.0 sec.
Depending on data mode and parity bit setting, data bit and stop bit are as following.
DATA MODE
PARITY BIT
DATA BIT
STOP BIT
Modbus-RTU
None
8
2
Odd or Even
8
1
Modbus-ASCII
None
7
2
Odd or Even
7
1
EXTERNAL VIEW
Specications (side)
Congurator Jack
Status Indicator LED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com