Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-US2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R10M-US2-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-US2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R10M-US2-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 7Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R10M-US2
R10M-US2 SPECIFICATIONS
ES-6249 Rev.0 Page 2/8
https://www.m-system.co.jp/
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Status indicator LED: RD, SD
Transmission setting: PC configurator software
INPUT SPECIFICATIONS
Input setting: Configurable via PC Configurator Software
■ Universal Input
No. of points: 2
•DC current input
Input resistance: Input resistor (49.9 Ω) incorporated
Input range: 0 – 20 mA
•DC voltage input range (-1000 – +1000 mV)
Input resistance: ≥ 10 KΩ
•DC voltage input range (-10 – +10 V)
Input resistance: ≥ 1 MΩ
•Thermocouple input
Input resistance: ≥ 10 kΩ
Input range: See Table 1
Burnout sensing: ≤ 4μA
Conformance range: See Table 1
•RTD input (2- or 3-wire)
Input sensing: ≤ 0.33 mA
Input range: See Table 1
Maximum leadwire resistance: 20 Ω per wire (for 3-wire)
∙Resistor input
Input sensing: ≤ 0.33 mA
Input range: 0 – 4000 Ω
Maximum leadwire resistance: 20 Ω per wire (for 3-wire)
∙Potentiometer input
Input sensing: ≤ 0.33 mA
Input range: 0 – 4000 Ω
INSTALLATION
Current consumption: ≤90 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -10 to +55°C (14 to +131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R10BS)
Weight: 120 g (0.26 lb) except base
PERFORMANCE
Accuracy: See Table 1.
Cold junction compensation error (thermocouple input):
±2.0°C at 0 – 50°C (±3.6°F at 32 – 122°F)
CJC sensor is adjacently attached to the input terminals.
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Burnout response (potentiometer, resistor, thermocouple,
RTD input): ≤ 10 s
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to Modbus
to power input to FE1)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com