Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-US2-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R10M-US2-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-US2-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R10M-US2-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 7Page - M-System Co.,Ltd. R10M-US2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R10M-US2
R10M-US2 SPECIFICATIONS
ES-6249 Rev.0 Page 6/8
https://www.m-system.co.jp/
MODBUS I/O ASSIGNMENT
ADDRESS
DATA TYPE
DATA
Input (1X)
1
Analog input 1 error (burnout / input range error)
2
Analog input 2 error (burnout / input range error)
Input Register (3X)
1
I
Analog Input (analog input 1)
2
I
Analog Input (analog input 2)
Note: DO NOT access addresses other than the ones mentioned above. Such access may cause problems such as malfunction.
■ DATA TYPE
I: Integer, -32768 - 32767
■ STATUS
1 bit: indicates input status.
burnout / input range error (Input range is out of the range -5 to +105% for scaling setting, or out of the range -32768 to +32767)
0: Normal
1: Error
DATA CONVERSION
■ UNIVERSAL INPUT DATA (SCALING CONVERSION DATA, 16 bit)
0
15
When scaling setting is initial value, 0 to 10000, data is 0 to 10000 for input 0 to 100% setting.
Input range is -5 to +105% (-500 to +10500). When out of input range, it is fixed to -500 or +10500.
Minus value is converted into negative values, represented in 2’s complements.
■ UNIVERSAL INPUT DATA (TEMPERATURE DATA, 16 bit)
0
15
When setting both zero input and full input to 0 with thermocouple or RTD input, response it as temperature data.
With C temperature unit, raw data is multiplied by 10. For example, 25.5 C is converted into 255.
With F temperature unit, the integer section of raw data is directly converted into the data.
Minus temperature is converted into negative values, represented in 2’s complements.
■ DATA ERROR STATUS (1 bit)
Data error status is indicated by 1 bit.
0: OFF
1: ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com