Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # THC
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

THC Datasheet(HTML) 4 Page - Vishay Siliconix

  THC Datasheet HTML 1Page - Vishay Siliconix THC Datasheet HTML 2Page - Vishay Siliconix THC Datasheet HTML 3Page - Vishay Siliconix THC Datasheet HTML 4Page - Vishay Siliconix THC Datasheet HTML 5Page - Vishay Siliconix THC Datasheet HTML 6Page - Vishay Siliconix THC Datasheet HTML 7Page - Vishay Siliconix THC Datasheet HTML 8Page - Vishay Siliconix THC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
THC
www.vishay.com
Vishay Polytech
Revision: 02-Nov-2020
4
Document Number: 40184
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.078
B
0.096
C
0.100
E
0.120
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
A
2000
B
2000
C
500
E
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial value
-55 °C
+105 °C
+150 °C
Capacitance change
-10 % to 0 % 0 % to +10 % 0 % to +20 %
Dissipation factor (%)
446
8
668
10
Leakage current
(max.)
Not more
than 0.005 CV
or 0.25 μA
whichever
is greater
-
Not more
than 0.1 CV
or 5 μA
whichever
is greater
Not more
than 0.125 CV
or 6.25 μA
whichever
is greater
Solder heat
resistance
Solder dip: 260 °C ± 5 °C
A, B cases: 10 s ± 1 s
C, E cases: 5 s ± 0.5 s
Reflow 260 °C: 10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance no load
Leave at 85 °C,
85 % for 1000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
High
temperature load
85 °C. The rated voltage
(derated voltage at 150 °C)
is applied for 2000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed 125 % of initial specified value
Thermal shock
Leave at -55 °C, normal
temperature, 150 °C, and
normal temperature for
30 min., 3 min., 30 min., and
3 min. Repeat this operation
1000 times running.
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Moisture
resistance load
Leave at 65 °C and 90 % to
95 % RH. The rated voltage
applied for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Failure rate
85 °C. The rated voltage is
applied through a protective
resistor of 1
/V.
0.5 % / 1000 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com