Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # THC
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

THC Datasheet(HTML) 1 Page - Vishay Siliconix

  THC Datasheet HTML 1Page - Vishay Siliconix THC Datasheet HTML 2Page - Vishay Siliconix THC Datasheet HTML 3Page - Vishay Siliconix THC Datasheet HTML 4Page - Vishay Siliconix THC Datasheet HTML 5Page - Vishay Siliconix THC Datasheet HTML 6Page - Vishay Siliconix THC Datasheet HTML 7Page - Vishay Siliconix THC Datasheet HTML 8Page - Vishay Siliconix THC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
THC
www.vishay.com
Vishay Polytech
Revision: 02-Nov-2020
1
Document Number: 40184
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors,
Molded Case, High Temperature, High Reliability
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +150 °C
(above 105 °C, voltage derating is required)
Capacitance Range: 0.33 μF to 47 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 10 VDC to 35 VDC
FEATURES
• Suitable for automatic mounting
• MSL level: 1
• High reliability
• Terminations: 100 % matte tin
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Industrial
• Car electronics applications
Available
Available
ORDERING INFORMATION
THC
E
1V
106
M
TR
(2)
F
TYPE
CASE
DC VOLTAGE
CAPACITANCE
CAPACITANCE
PACKAGING
(OPTIONAL)
TERMINAL
CODE
RATING AT +85 °C
(μF)
TOLERANCE
POLARITY
CODE
See
Ratings
and
Case
Codes
table.
1A = 10 V
1C = 16 V
1D = 20 V
1E = 25 V
1V = 35 V
This is expressed
in picofarads.
The first two digits
are the significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
TR = 7" reel,
cathodes close
to perforation
side
Halogen-free
(special order),
not applicable
for E case
F =
lead (Pb)-free
terminations
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
l
a
A
3216-18
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.028 ± 0.012
[0.7 ± 0.3]
0.047 ± 0.008
[1.2 ± 0.2]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.075 ± 0.008
[1.9 ± 0.2]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
C
6032-28
0.228 ± 0.008
[5.8 ± 0.2]
0.126 ± 0.008
[3.2 ± 0.2]
0.100 ± 0.008
[2.5 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
E
7343-30
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.112 ± 0.008
[2.8 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
Anode indication belt mark
E case
A, B, C case
L
l
l
l
l


Similar Part No. - THC

ManufacturerPart #DatasheetDescription
logo
HolyStone International
THC HOLYSTONECAPS-THC Datasheet
59Kb / 2P
High reliability at High temperatature
logo
List of Unclassifed Man...
THC1420 ETC1-THC1420 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1566 ETC1-THC1566 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1613 ETC1-THC1613 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1711 ETC1-THC1711 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
More results

Similar Description - THC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
14-Oct-08
T55B156M6R3C0500 VISHAY-T55B156M6R3C0500 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com