Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # THC
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

THC Datasheet(HTML) 2 Page - Vishay Siliconix

  THC Datasheet HTML 1Page - Vishay Siliconix THC Datasheet HTML 2Page - Vishay Siliconix THC Datasheet HTML 3Page - Vishay Siliconix THC Datasheet HTML 4Page - Vishay Siliconix THC Datasheet HTML 5Page - Vishay Siliconix THC Datasheet HTML 6Page - Vishay Siliconix THC Datasheet HTML 7Page - Vishay Siliconix THC Datasheet HTML 8Page - Vishay Siliconix THC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THC
www.vishay.com
Vishay Polytech
Revision: 02-Nov-2020
2
Document Number: 40184
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) When the capacitance code is the same in the same case, use the voltage code for the higher rated voltage
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
RATINGS AND CASE CODES
μF
10 V
16 V
20 V
25 V
35 V
0.33
A
0.47
A
0.68
A
1.0
A
B
1.5
A
B
2.2
B
3.3
B
C
4.7
B
C
C
6.8
C
C
10
C
C
E
E
15
C
C
E
E
22
C
E
E
33
E
E
47
E
MARKING
SIMPLIFIED VOLTAGE AND NOMINAL CAPACITANCE CODES, CASES A, B
μF
10 V
16 V
20 V
25 V
35 V
0.33
N5
0.47
S5
0.68
W5
1.0
A6
A6
1.5
E6
E6
2.2
J6
3.3
N6
4.7
S6
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
A6A
Simplified code of nominal
capacitance (A6: 1 μF)
Anode indication belt mark
A Case - 16 V, 1 μF
Date code
A, B Case (1)
10
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (10 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com