Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # THC
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

THC Datasheet(HTML) 3 Page - Vishay Siliconix

  THC Datasheet HTML 1Page - Vishay Siliconix THC Datasheet HTML 2Page - Vishay Siliconix THC Datasheet HTML 3Page - Vishay Siliconix THC Datasheet HTML 4Page - Vishay Siliconix THC Datasheet HTML 5Page - Vishay Siliconix THC Datasheet HTML 6Page - Vishay Siliconix THC Datasheet HTML 7Page - Vishay Siliconix THC Datasheet HTML 8Page - Vishay Siliconix THC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THC
www.vishay.com
Vishay Polytech
Revision: 02-Nov-2020
3
Document Number: 40184
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For more information about recommended voltage derating see technical note www.vishay.com/doc?40246
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz IRMS
(A)
10 VDC AT +105 °C; 6.3 VDC AT +150 °C
1.5
A
THCA1A155(1)TRF
0.25
6
6.6
0.11
4.7
B
THCB1A475(1)TRF
0.25
6
2.8
0.19
15
C
THCC1A156(1)TRF
0.75
6
2.2
0.21
22
C
THCC1A226(1)TRF
1.10
6
1.7
0.24
33
E
THCE1A336(1)TRF
1.65
6
0.9
0.37
47
E
THCE1A476(1)TRF
2.35
6
0.9
0.37
16 VDC AT +105 °C; 10 VDC AT +150 °C
1.0
A
THCA1C105(1)TRF
0.25
4
6.6
0.11
3.3
B
THCB1C335(1)TRF
0.26
6
3.9
0.16
10
C
THCC1C106(1)TRF
0.80
6
1.7
0.24
15
C
THCC1C156(1)TRF
1.20
6
2.2
0.21
22
E
THCE1C226(1)TRF
1.76
6
0.9
0.37
33
E
THCE1C336(1)TRF
2.64
6
0.9
0.37
20 VDC AT +105 °C; 13 VDC AT +150 °C
0.68
A
THCA1D684(1)TRF
0.25
4
9.7
0.09
2.2
B
THCB1D225(1)TRF
0.25
6
3.9
0.16
6.8
C
THCC1D685(1)TRF
0.68
6
1.7
0.24
10
C
THCC1D106(1)TRF
1.50
6
1.7
0.24
15
E
THCE1D156(1)TRF
1.50
6
0.9
0.37
22
E
THCE1D226(1)TRF
2.20
6
0.9
0.37
25 VDC AT +105 °C; 16 VDC AT +150 °C
0.47
A
THCA1E474(1)TRF
0.25
4
16.5
0.07
1.5
B
THCB1E155(1)TRF
0.25
6
3.9
0.16
4.7
C
THCC1E475(1)TRF
0.58
6
2.8
0.19
6.8
C
THCC1E685(1)TRF
0.85
6
1.7
0.24
10
E
THCE1E106(1)TRF
1.25
6
1.1
0.33
15
E
THCE1E156(1)TRF
1.87
6
0.9
0.37
35 VDC AT +105 °C; 22 VDC AT +150 °C
0.33
A
THCA1V334(1)TRF
0.25
4
22.0
0.06
1.0
B
THCB1V105(1)TRF
0.25
4
3.9
0.16
3.3
C
THCC1V335(1)TRF
0.57
6
3.9
0.16
4.7
C
THCC1V475(1)TRF
0.82
6
2.8
0.19
10
E
THCE1V106(1)TRF
1.75
6
1.1
0.33
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +105 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com