Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series, Rev. 2.1
2
Freescale Semiconductor
General Parameters
Part numbers addressed in this document are listed in Table A. For more detailed ordering information see
Section 10, “Ordering Information.”
There are currently no known errata for the part numbers addressed by this data sheet.
3
General Parameters
The following general parameters apply to all part numbers described herein:
Core power supply
2.0 V ±100 mV DC (nominal; see Table 3 for recommended operating
conditions)
I/O power supply
1.8 V ±100 mV dc (processor bus interface only; not supported on
L2 interface), or
2.0 V ±100 mV dc (processor bus interface only; not supported on
L2 interface), or
3.3 V ±165 mV dc (input thresholds are configuration pin selectable)
Note that part revisions prior to Rev. 2.8 (Rev. E) do not support core voltages down to 1.8 V.
4.1
DC Electrical Characteristics
All part numbers affected by this specification support 3.3 V and 1.8 V/2.0 V I/O voltages, but do not
support 2.5 V I/O voltages. Table 2 describes the input threshold voltage settings. These settings apply to
Table A. Significant Differences from Hardware Specifications by Part Number
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD
Tj
(°C)
XPC755BRX300LD
300
2.0 V ±100 mV
0 to 105
2.0 V/1.8 V I/O voltage supported, 2.5 V I/O not
supported; all nominal core voltages are 2.0 V
±100 mV; AC timing different for processor bus and
L2 bus interfaces; L2 bus interface AC timing not
guaranteed in 1.8 V/2.0 V mode.
XPC755BRX350LD
350
XPC755BRX400LD
400
XPC755BPX300LD
300
XPC755BPX350LD
350
XPC755BPX400LD
400
XPC745BPX300LD
300
2.0 V/1.8 V I/O voltage supported, 2.5 V I/O not
supported; all nominal core voltages are 2.0 V
±100 mV; AC timing different for processor bus
interface.
XPC745BPX350LD
350
Note: The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13.
These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology
to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production
prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging
the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com