Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 6 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series, Rev. 2.1
6
Freescale Semiconductor
Ordering Information
10
Ordering Information
10.1
Part Numbers Addressed by This Specification
Table 20 provides the ordering information for the MPC755 parts described in this specification.
10.3
Part Marking
Parts are marked as the example shown in Figure 29.
Figure 29. Part Marking for BGA Device
Table 20. Part Numbering Nomenclature
XPC
nnn
B
xx
nnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency 1
Application Modifier
Revision Level
XPC 2
755
745
B = HiP4DP
PX = PBGA
RX = CBGA
300
350
400
L: 2.0 V ±100 mV
0
° to 105°C
D: 2.7; PVR = 0008 3203
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
2. The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13.
These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified
technology to simulate normal production. These parts have only preliminary reliability and characterization data.
Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the
applicable sales office acknowledging the qualification status and the fact that product changes may still occur while
shipping pilot production prototypes.
BGA
MPC755B
RX400LD
MMMMMM
ATWLYYWWA
755
BGA
MPC745B
PX350LD
MMMMMM
ATWLYYWWA
745
Notes:
CCCCC is the country of assembly. This space is left blank if parts are
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
assembled in the United States.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com