Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series, Rev. 2.1
4
Freescale Semiconductor
General Parameters
4.2.2
Processor Bus AC Specifications
All part numbers described herein have slower AC timing characteristics than later revisions of the part.
The affected processor bus AC timing specifications are given in Table 10.
4.2.4
L2 Bus AC Specifications
The AC timing characteristics of the L2 bus interface in 3.3 V mode are slower for parts affected by this
specification than for later revisions of the part. Additionally, the AC timing of the L2 interface is not
guaranteed in 1.8 V/2.0 V mode. These affect the following part numbers only:
•
XPC755BRX300LD
•
XPC755BRX350LD
•
XPC755BRX400LD
•
XPC755BPX300LD
•
XPC755BPX350LD
•
XPC755BPX400LD
SYSCLK input high voltage
1.8/2.0
KVIH
1.5
OVDD + 0.3
V
3.3
KVIH
2.4
OVDD + 0.3
V
SYSCLK input low voltage
1.8/2.0
KVIL
–0.3
0.2
V
3.3
KVIL
–0.3
0.4
V
Output high voltage, IOH = –6 mA
1.8/2.0
VOH
(L2)OVDD – 0.45
—
V
3.3
VOH
2.4
—
V
Output low voltage, IOL = 6 mA
1.8/2.0
VOL
—0.45
V
3.3
VOL
—0.4
V
Notes:
1. Nominal voltages; see Table 3 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD. L2OVDD is the reference for the L2 bus signals.
3. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and IEEE 1149.1 boundary scan (JTAG) signals.
Table 10. Processor Bus AC Timing Specifications
At recommended operating conditions (see Table 3)
Parameter
Symbol
300, 350, 400 MHz
Unit
Min
Max
Input Hold Times: All Inputs
tIXKH
0.6
—
ns
Valid Times: All Outputs
tKHOV
—4.5
ns
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus
Voltage1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com