Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series, Rev. 2.1
Freescale Semiconductor
3
General Parameters
all device revisions prior to Rev. 2.8 (Rev. E), including all part numbers described herein. Note that the
MPC745 does not provide an L2 interface.
Table 3 provides the recommended operating conditions for all device revisions prior to Rev. 2.8 (Rev. E),
including all part numbers described herein.
Table 6 provides the DC electrical specifications for all device revisions prior to Rev. 2.8 (Rev. E),
including all part numbers described herein.
Table 2. Input Threshold Voltage Setting
BVSEL Signal
L2VSEL Signal
Processor Bus
Interface Voltage
L2 Bus
Interface Voltage
0
0
1.8 V or 2.0 V
1.8 V or 2.0 V
0
1
1.8 V or 2.0 V
3.3 V
1
0
3.3 V
1.8 V or 2.0 V
1
1
3.3 V
3.3 V
Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended Value
Unit
Core supply voltage
VDD
2.0 ±100 mV
V
PLL supply voltage
AVDD
2.0 ±100 mV
V
L2 DLL supply voltage
L2AVDD
2.0 ±100 mV
V
Processor bus supply voltage
BVSEL = 0
OVDD
1.8 ±100 mV or
2.0 ±100 mV
V
BVSEL = 1
OVDD
3.3 ±165 mV
V
L2 bus supply voltage
L2VSEL = 0
L2OVDD
1.8 ±100 mV or
2.0 ±100 mV
V
L2VSEL = 1
L2OVDD
3.3 ±165 mV
V
Note: These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
Table 6. DC Electrical Specifications
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus
Voltage1
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except
SYSCLK)
1.8/2.0
VIH
0.65
× (L2)OV
DD
(L2)OVDD + 0.3
V
2,3
3.3
VIH
2.0
(L2)OVDD + 0.3
V
2,3
Input low voltage (all inputs except
SYSCLK)
1.8/2.0
VIL
–0.3
0.35
× (L2)OV
DD
V2
3.3
VIL
–0.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com