Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG40DILAX Datasheet(PDF) 33 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 33 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 29Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 30Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 31Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 32Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 33Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 34Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 35Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 36Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
TIMING CONVENTIONS
1–25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
setup time
The time interval between the application of a signal at a specified input terminal and a subsequent active
transition at another specified input terminal.
NOTES:
1. The setup time is the actual time interval between two signal events and is determined by the system in which the digital circuit
operates. A minimum value is specified that is the shortest interval for which correct operation of the digital circuit is assured.
2. The setup time can have a negative value in which case the minimum limit defines the longest interval (between the active
transition and the application of the other signal) for which correct operation of the digital circuit is assured.
Example symbology:
Classified
Description
tsu(D)
Setup time, write data time to EDS high
tsu(WT-SCH)
Setup time, WAIT time to SYSCLK high
tsu(RXD-SCCH)
Setup time, SCIRXD to SCICLK high
tsu(SOMI-SPCH)
Setup time, SPISOMI to SPICLK high (polarity = 1)
tsu(SIMO-SPCH)
Setup time, SPISIMO to SPICLK high (polarity = 1)
tsu(S)
Setup time, analog to sample command
transition times (rise and fall times)
The time interval between two reference points (10% and 90% unless otherwise specified) on the same
waveform that is changing from the defined low level to the defined high level (rise time) or from the defined high
level to the defined low level (fall time).
Example symbology:
Classified
Description
tr
Rise time
tf
Fall time
tr(CI)
Rise time, XTAL2 / CLKIN
tf(CI)
Fall time, XTAL2 / CLKIN
valid time
D General. The time interval during which a signal is (or should be) valid.
D Output data-valid time. The time interval in which output data continues to be valid following a change of
input conditions that could cause the output data to change at the end of the interval.
Example symbology:
Classified
Description
tv(A)
Valid time, address to EDS, CSE1, CSE2, CSH1, CSH2, CSH3 and CSPF low
tv(SCCH-TXD)
Valid time, SCITXD data valid after SCICLK high
tv(SCCH-RXD)
Valid time, SCIRXD data valid after SCICLK high
tv(SPCH-SOMI)
Valid time, SPISOMI data valid after SPICLK high (polarity = 1)
tv(SPCH-SIMO)
Valid time, SPISIMO data valid after SPICLK high (polarity = 1)
tv(AB-CD) supersedes the older form tPVX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com