Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG40DILAX Datasheet(PDF) 59 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 59 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 55Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 56Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 57Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 58Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 59Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 60Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 61Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 62Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
USAGEOFANTISTATICSOLUTIONINAREASTOCONTROLTHEGENERATIONOFSTATICCHARGES
3–5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
facilities for static-free workstation (continued)
Table 1. General Grounding Requirements
TREATED WITH ANTI-STATIC
SOLUTION OR MADE OF
CONDUCTIVE MATERIAL
GROUNDED TO
COMMON POINT
STATIC DISSIPATIVE
MATERIAL
Handling equipment/ handtools
X
X
Metal parts of fixtures and tools/storage racks
X
Handling trays/tubes
X
X
Soldering irons/baths
X
Table tops/floor mats
X
X
X
Personnel
X †
† Using a wrist strap with 1 M
Ω ± 10% resistor
usage of antistatic solution in areas to control the generation of static charges
The use of antistatic chemicals (antistats) may be a supplemental part of an overall organized ESD program.
Any antistatic chemical application must be considered as a means to reduce or eliminate static charge
generation on nonconductive materials in the manufacturing or storage areas.
The application of any antistatic chemical in a clean room of class 10,000 or less cannot be permitted.
Accordingly, any user of antistatic solutions must consider the following precautions:
D Antistatic spray or solutions in any form cannot be applied to energized electrical parts, assemblies, panels,
or equipment.
D Antistatic chemical applications cannot be performed in any area when bare chips, raw parts, packages,
and/or personnel are exposed to spray mists and evaporation vapors.
The need for initial application and frequency of reapplication can be established only through routing
electrostatic voltage measurements using an electrostatic voltmeter. The following durability schedule is a
reasonable expectation.
D Soft surfaces (carpet, fabric seats, foam padding, etc.): each six months or after cleaning, by spraying.
D Hard abused surfaces (floor, table tops, tools, etc.): each week (or day for heavy use) and after cleaning,
by wiping or mopping.
D Hard unabused surfaces (cabinets, walls, fixtures, etc.): each six months or annually and after cleaning,
by wiping or spraying.
D Company-furnished and maintained clothing and smocks: after each cleaning, by spraying or adding
antistatic concentrate to final rinse water when cleaned.
The use of antistatic chemicals, their application, and compliance with all appropriate specifications,
precautions, and requirements must be the responsibility of the area supervisor where antistatic chemicals are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com