Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG40DILAX Datasheet(PDF) 39 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 39 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 35Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 36Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 37Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 38Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 39Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 40Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 41Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 42Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CSPF:
Chip-Select Peripheral File. This signal has the same timing as EDS, but it goes active only during access
to external frames of the peripheral field (locations 10C0h – 10FFh).
D
data:
Any information stored in or retrieved from a memory device.
debugger:
A window-oriented software interface that helps the user to debug ’370 programs running on an
emulator, CDT370, or design kit.
dedicated-capture registers:
An area in the PACT module dual-port RAM that stores the value of the default timer
at the time of a specified edge on one of the PACT input-capture pins. Unlike the circular buffer, the location of
the dedicated-capture register does not change.
default timer (also hardware timer):
A 20-bit hardware counter in the PACT module that is incremented by the
PACT prescaled clock
design kit:
A low-cost tool that allows the user to analyze the hardware and software capabilities of the TMS370
family.
DIP:
Dual In-line Package
dual-port RAM:
An area in RAM that can be read from and written to by both the TMS370 CPU and the PACT
module.
E
edge detection:
A type of circuitry that senses an active pulse transition on a given timer input and provides ap-
propriate output transitions to the rest of the module. The active transition can be configured to be low-to-high or
high-to-low.
EDS:
External Data Strobe. This signal goes low during external-memory operations. The rising edge of EDS vali-
dates the read-input data; the write data is available after the falling edge of EDS.
EEPROM:
Electrically Erasable Programmable Read-Only Memory. Memory that can be programmed and erased
under direct program control.
EPROM:
Erasable Programmable Read-Only Memory. Memory that can be programmed under direct program
control.
Erase:
Typically associated with EPROM and EEPROM. The procedure whereby programmed data is removed
and the device returns to its unprogrammed state.
ESD:
Electrostatic discharge
F
fully-static RAM:
In a fully-static RAM, the periphery as well as the memory array is fully static. The periphery is
therefore always active and ready to respond to input changes without the need of clocks. There is no precharge
required for static periphery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com