Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG40DILAX Datasheet(PDF) 41 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 41 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 37Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 38Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 39Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 40Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 41Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 42Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 43Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 44Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
LSB:
Least significant bit
LSbyte:
Least significant byte
M
machine code:
The actual bytes read by the CPU during an instruction execution; usually read by a programmer
as hexadecimal bytes
mask-programmed read-only memory (Mask-ROM):
A read-only memory in which the data content of each cell
is determined during manufacture by the use of a mask, the data content thereafter being unalterable
MC pin:
Mode control pin. The pin that determines the operating mode of the TMS370 device, depending on the
voltage applied to the pin. Twelve volts on the MC pin after reset places the processor in the write-protection over-
ride (WPO) mode.
memory:
A medium capable of storing information that can be retrieved.
memory map:
A description of the addresses of the various sections and features of the TMS370 processor. The
map depends on the operating mode.
microcomputer mode with external expansion:
An operating mode in which the address, control, and data
memory extend off-chip to access external memory or peripherals
microcomputer single-chip mode:
An operating mode in which the device uses only on-chip memory
microcontroller programmer:
An interactive, menu-driven system that provides a method of programming
TMS370 family devices and EPROMs directly or through an XDS
microprocessor mode with internal-program memory:
An operating mode in which the on-chip program
memory is available to the processor
microprocessor mode without internal-program memory:
An operating mode in which the on-chip program
memory is not available to the processor. The processor must have external memory.
mini-SCI:
The mini-UART function available in the PACT module.
mnemonic:
A symbol that represents the opcode part of an assembly language instruction.
MSB:
Most significant bit
MSbyte:
Most significant byte
multiprocessor communications:
An SCI format option that enables one processor to efficiently send blocks of
data to other processors on the same serial link
N
nested interrupts:
The ability of an interrupt to suspend the service routine of a prior interrupt. Nested interrupts
are implemented in TMS370 devices by executing an interrupt-service routine that uses the EINT, EINTL, or
EINTH instructions to set the global-interrupt-enable bits in the status register.
nonmaskable interrupt (NMI):
An interrupt that causes the processor to execute the NMI routine. On TMS370
devices, INT1 can be configured as an NMI.
nonreturn to zero (NRZ) format:
A communication format in which the inactive state is a logic state
nonvolatile memory:
A memory in which the data content is maintained whether the power supply is connected
or not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com