Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-J3T-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R1M-J3T-R
Description  Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-J3T-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R1M-J3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: R1M-J3
R1M-J3 SPECIFICATIONS
ES-5655 Rev.15 Page 7/9
https://www.m-system.co.jp/
■ INPUT REGISTERS DESCRIPTION
(1) ANALOG INPUT IN % (30001 to 30016; 30001 to 30008 for J3)
Indicates analog input values in percentage for each channel (1 – 16; 1 – 8 for J3).
INPUT TYPE & RANGE
A/D DATA (Decimal)
DC
±20V
±20000
±5V
±5000
±1V
±10000
±0.8V
±8000
±0.2V
±20000
±50mV
±5000
±10mV
±10000
Thermocouple
Temperature x 10
RTD
Temperature x 10
Potentiometer
0 – 100Ω
0 – 500Ω
0 – 1kΩ
0 – 10kΩ
±2000
(2) ANALOG INPUT IN ENGINEERING UNIT (30017 to 30048; 30017 to 30032 for J3)
Indicates analog input values in engineering unit for each channel (1 – 16; 1 – 8 for J3). The unit is speci c to each input type: °C
for temperature, Volts for voltage, and % for potentiometer. The data are 32-bit oating values, which requires two consecutive
registers for one module.
(3) CHANNEL STATUS (30081 to 30096)
Indicates the current status of analog inputs (1 – 16; 1 – 8 for J3). The following list shows the names and descriptions of each bit.
BIT
NAME
DESCRIPTION
6
Input Overrange
Indicates the designated analog input is in overrange, de ned as one or
more of the following condition:
• ADC input value 0x0000 or 0xFFFF
• Burnout status for thermocouple, RTD and Potentiometer input
• Out of range de ned in the temperature table (thermocouple and RTD)
• ADC error
0 : Normal
1 : Overrange
7
ADC Error
Indicates the status of ADC.
0 : Normal
1 : Error
12
Cold Junction Compensation SW
Indicates whether the cold junction compensation is enabled or disabled,
for thermocouple input.
0 : Disable
1 : Enable
Others
Reserved
For system’s use



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com