Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-J3T-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R1M-J3T-R
Description  Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-J3T-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  R1M-J3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: R1M-J3
R1M-J3 SPECIFICATIONS
ES-5655 Rev.15 Page 8/9
https://www.m-system.co.jp/
■ INPUT REGISTERS DESCRIPTION
Indicates I/O type for each channel. The data are 16-bit integer values.
MODEL
I/O
I/O TYPE
SELECTION
USABLE RANGE
NOTES
R1MS-GH3
R2M-2G3
DC input
0x00
-10 to +10 V
-10 to +10 V
R1M-GH2
DC input
0x00
-20 to +20 V
-22.7 to +22.7 V
ATT SW ON
0x01
-5 to +5 V
-5.6 to +5.6 V
ATT SW ON
0x02
-1 to +1 V
-1.4 to +1.4 V
ATT SW ON
0x03
-800 to +800 mV
-860 to +860 mV
0x04
-200 to +200 mV
-215 to +215 mV
0x05
-50 to +50 mV
-53 to +53 mV
0x06
-10 to +10 mV
-13.4 to +13.4 mV
R1M-GH2
R1MS-GH3
R2M-2H3
T/C input
0x10
(PR)
0 to 1770°C
0x11
K (CA)
-270 to +1370°C
0x12
E (CRC)
-270 to +1000°C
0x13
J (IC)
-210 to +1200°C
0x14
T (CC)
-270 to +400°C
0x15
B (RH)
100 to 1820°C
0x16
R
-50 to +1760°C
0x17
S
-50 to +1760°C
0x18
C (WRe 5-26)
0 to 2320°C
0x19
N
-270 to +1300°C
0x1A
U
-200 to +600°C
0x1B
L
-200 to +900°C
0x1C
P (Platinel II)
0 to 1395°C
R1M-J3
RTD input
0x30
JPt 100 (JIS ’89)
-200 to +500°C
0x31
Pt 100 (JIS ’89)
-200 to +660°C
0x32
Pt 100 (JIS ’97, IEC)
-200 to +850°C
0x33
Pt 50 Ω (JIS ’81)
-200 to +649°C
0x34
Ni 508.4 Ω
-50 to +280°C
0x35
Pt 1000
-200 to +850°C
POT input
0x40
0 to 100 ohms
0 to 100 %
0x41
0 to 500 ohms
0 to 100 %
0x42
0 to 1 kohms
0 to 100 %
0x43
0 to 10 kohms
0 to 100 %
R1M-D1
DO
0x60
R1M-A1
DI
0x70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com