Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-J3T-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R1M-J3T-R
Description  Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-J3T-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R1M-J3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: R1M-J3
R1M-J3 SPECIFICATIONS
ES-5655 Rev.15 Page 1/9
https://www.m-system.co.jp/
Remote I/O R1M Series
RTD & POTENTIOMETER INPUT MODULE
(8 points)
Functions & Features
• 8-point RTD or potentiometer inputs
• Easy system expansion via Modbus RTU
40
[1.57]
115
[4.53]
mm [inch]
175 [6.89]
MODEL: R1M-J3T-[1][2]
ORDERING INFORMATION
• Code number: R1M-J3T-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R1M-J3T-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
FIELD TERMINAL TYPE
T: M3 screw terminals
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• R1X configurator software (model: R1CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Power input, transmission: Euro type connector terminal
(Applicable wire size AWG24-12 (0.2 – 2.5 mm2), stripped
length 7 mm)
RS-232-C: 9-pin D-sub connector (male)
(Lock screw No. 4-40 UNC)
Input: M3 screw terminals (torque: 0.6N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to RS-232-C or RS-485 to power
Node address setting: Rotary switch; 1 – F (15 nodes)
RUN indicator LED: Green light blinks in normal conditions.
COMMUNICATION
Baud rate: 38.4 kbps
Communication: Half-duplex, asynchronous, no procedure
Protocol: Modbus RTU
Refer to Modbus Protocol Reference Guide (EM-5650) for
supported functions.
■ RS-232-C
Standard: Conforms to RS-232-C, EIA
Transmission distance: 10 meters max.
■ RS-485
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
INPUT SPECIFICATIONS
Input: RTD or potentiometer input, 8 points
Maximum leadwire resistance: 20 Ω per wire (3-wire)
Sensing current: ≤ 1 mA
RTDs: JPt 100 (JIS ’89), Pt 100 (JIS ’89), Pt 100
(JIS ’97, IEC), Pt 50 Ω (JIS ’81), Ni 508.4 Ω, Pt 1000
Potentiometers: 0 – 100 Ω, 0 – 500 Ω, 0 – 1 kΩ, 0 – 10 kΩ
Sampling rate: 100 msec./8 points
• Trigger input: Dry contact; ON detected at ≤ 1.5 V
Sensing: Approx. 5 V DC @ 1 mA


Similar Part No. - R1M-J3T-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1M-1812D/SMD RECOM-R1M-1812D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1812S/SMD RECOM-R1M-1812S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815D/SMD RECOM-R1M-1815D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815S/SMD RECOM-R1M-1815S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1824D/SMD RECOM-R1M-1824D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results

Similar Description - R1M-J3T-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-RS2 MSYSTEM-R6D-RS2 Datasheet
124Kb / 3P
Remote I/O R6 Series RTD INPUT MODULE
R6N-RS2 MSYSTEM-R6N-RS2 Datasheet
137Kb / 3P
Remote I/O R6 Series RTD INPUT MODULE
R30RS4 MSYSTEM-R30RS4 Datasheet
197Kb / 6P
Remote I/O R30 Series RTD INPUT MODULE
R1M-GH MSYSTEM-R1M-GH Datasheet
305Kb / 9P
Remote I/O R1M Series THERMOCOUPLE & DC INPUT MODULE
R1M-P4 MSYSTEM-R1M-P4 Datasheet
263Kb / 7P
Remote I/O R1M Series CONTACT I/O MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8 MSYSTEM-R3-RS8 Datasheet
140Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com