Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-J3T-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R1M-J3T-R
Description  Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-J3T-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R1M-J3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-J3T-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: R1M-J3
R1M-J3 SPECIFICATIONS
ES-5655 Rev.15 Page 2/9
https://www.m-system.co.jp/
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 7 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE (% of measuring range)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to RS-232-
C or RS-485 to power to FG)
Accuracy
Potentiometer input: ±0.3%
RTD input: See the table below.
RTD
USABLE RANGE
ACCURACY
°C
°F
(%)
JPt 100 (JIS ’89) -200 to +500
-328 to +932
±0.2
Pt 100 (JIS ’89) -200 to +660
-328 to +1220
±0.2
Pt 100
-200 to +850
-328 to +1562
±0.2
(JIS ’97, IEC)
Pt 50Ω (JIS ’81) -200 to +649
-328 to +1200
±0.3
Ni 508.4Ω
-50 to +280
-58 to +536
±0.3
Pt 1000
-200 to +850
-328 to +1562
±0.2
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Input or RS-232-C/RS-485 to power: Reinforced insulation
(300 V)
Input to RS-232-C/RS-485: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com