Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 67Page - Texas Instruments AM6548 Datasheet HTML 68Page - Texas Instruments AM6548 Datasheet HTML 69Page - Texas Instruments AM6548 Datasheet HTML 70Page - Texas Instruments AM6548 Datasheet HTML 71Page - Texas Instruments AM6548 Datasheet HTML 72Page - Texas Instruments AM6548 Datasheet HTML 73Page - Texas Instruments AM6548 Datasheet HTML 74Page - Texas Instruments AM6548 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 282 page
background image
Table 6-20. EHRPWM5 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM5_B
EHRPWM Output B
IO
AF14
6.3.9 EQEP
6.3.9.1 MAIN Domain
Table 6-21. EQEP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EQEP0_A
EQEP Quadrature Input A
I
AB26
EQEP0_B
EQEP Quadrature Input B
I
AA25
EQEP0_I
EQEP Index
IO
AA28
EQEP0_S
EQEP Strobe
IO
U23
Table 6-22. EQEP1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EQEP1_A
EQEP Quadrature Input A
I
AH22
EQEP1_B
EQEP Quadrature Input B
I
AE21
EQEP1_I
EQEP Index
IO
AC20
EQEP1_S
EQEP Strobe
IO
AC22
Table 6-23. EQEP2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EQEP2_A
EQEP Quadrature Input A
I
D25
EQEP2_B
EQEP Quadrature Input B
I
B26
EQEP2_I
EQEP Index
IO
A24
EQEP2_S
EQEP Strobe
IO
E24
6.3.10 GPIO
6.3.10.1 MAIN Domain
Table 6-24. GPIO0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPIO0_0
General Purpose Input/Output
IO
M27
GPIO0_1
General Purpose Input/Output
IO
M23
GPIO0_2
General Purpose Input/Output
IO
M28
GPIO0_3
General Purpose Input/Output
IO
M24
GPIO0_4
General Purpose Input/Output
IO
N24
GPIO0_5
General Purpose Input/Output
IO
N27
GPIO0_6
General Purpose Input/Output
IO
N28
GPIO0_7
General Purpose Input/Output
IO
M25
GPIO0_8
General Purpose Input/Output
IO
N23
GPIO0_9
General Purpose Input/Output
IO
M26
GPIO0_10
General Purpose Input/Output
IO
P28
GPIO0_11
General Purpose Input/Output
IO
P27
GPIO0_12
General Purpose Input/Output
IO
N26
GPIO0_13
General Purpose Input/Output
IO
N25
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com