Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 78Page - Texas Instruments AM6548 Datasheet HTML 79Page - Texas Instruments AM6548 Datasheet HTML 80Page - Texas Instruments AM6548 Datasheet HTML 81Page - Texas Instruments AM6548 Datasheet HTML 82Page - Texas Instruments AM6548 Datasheet HTML 83Page - Texas Instruments AM6548 Datasheet HTML 84Page - Texas Instruments AM6548 Datasheet HTML 85Page - Texas Instruments AM6548 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 282 page
background image
Table 6-37. MCASP0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCASP0_AXR12
MCASP Serial Data (Input/Output)
IO
AD28
MCASP0_AXR13
MCASP Serial Data (Input/Output)
IO
U26
MCASP0_AXR14
MCASP Serial Data (Input/Output)
IO
V25
MCASP0_AXR15
MCASP Serial Data (Input/Output)
IO
U24
Table 6-38. MCASP1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCASP1_ACLKR
MCASP Receive Bit Clock
IO
AC27
MCASP1_ACLKX
MCASP Transmit Bit Clock
IO
AB28
MCASP1_AFSR
MCASP Receive Frame Sync
IO
AB26
MCASP1_AFSX
MCASP Transmit Frame Sync
IO
AC28
MCASP1_AHCLKR
MCASP Receive Master Clock
IO
AD28
MCASP1_AHCLKX
MCASP Transmit Master Clock
IO
U26
MCASP1_AXR0
MCASP Serial Data (Input/Output)
IO
AA25
MCASP1_AXR1
MCASP Serial Data (Input/Output)
IO
U23
MCASP1_AXR2
MCASP Serial Data (Input/Output)
IO
AB27
MCASP1_AXR3
MCASP Serial Data (Input/Output)
IO
W28
MCASP1_AXR4
MCASP Serial Data (Input/Output)
IO
W27
MCASP1_AXR5
MCASP Serial Data (Input/Output)
IO
Y28
MCASP1_AXR6
MCASP Serial Data (Input/Output)
IO
AA28
MCASP1_AXR7
MCASP Serial Data (Input/Output)
IO
AB24
MCASP1_AXR8
MCASP Serial Data (Input/Output)
IO
AC25
MCASP1_AXR9
MCASP Serial Data (Input/Output)
IO
AD25
Table 6-39. MCASP2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCASP2_ACLKR
MCASP Receive Bit Clock
IO
AE27
MCASP2_ACLKX
MCASP Transmit Bit Clock
IO
W26
MCASP2_AFSR
MCASP Receive Frame Sync
IO
AD24
MCASP2_AFSX
MCASP Transmit Frame Sync
IO
Y26
MCASP2_AHCLKR
MCASP Receive Master Clock
IO
V25
MCASP2_AHCLKX
MCASP Transmit Master Clock
IO
U24
MCASP2_AXR0
MCASP Serial Data (Input/Output)
IO
AC24
MCASP2_AXR1
MCASP Serial Data (Input/Output)
IO
Y27
MCASP2_AXR2
MCASP Serial Data (Input/Output)
IO
AE26
MCASP2_AXR3
MCASP Serial Data (Input/Output)
IO
AE28
6.3.16 MCSPI
6.3.16.1 MAIN Domain
Table 6-40. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SPI0_CLK
SPI Clock
IO
AH13
SPI0_CS0
SPI Chip Select 0
IO
AG13
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
82
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com