| Electronic Components Datasheet Search |
|
AM6548 Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6548 Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 282 page ![]() Table 6-25. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ACD [4] GPIO1_45 General Purpose Input/Output IO AD28 GPIO1_46 General Purpose Input/Output IO U26 GPIO1_47 General Purpose Input/Output IO V25 GPIO1_48 General Purpose Input/Output IO U24 GPIO1_49 General Purpose Input/Output IO AB28 GPIO1_50 General Purpose Input/Output IO AC28 GPIO1_51 General Purpose Input/Output IO AC27 GPIO1_52 General Purpose Input/Output IO AB26 GPIO1_53 General Purpose Input/Output IO AA25 GPIO1_54 General Purpose Input/Output IO U23 GPIO1_55 General Purpose Input/Output IO AB27 GPIO1_56 General Purpose Input/Output IO W28 GPIO1_57 General Purpose Input/Output IO W27 GPIO1_58 General Purpose Input/Output IO Y28 GPIO1_59 General Purpose Input/Output IO AA28 GPIO1_60 General Purpose Input/Output IO AB24 GPIO1_61 General Purpose Input/Output IO AC25 GPIO1_62 General Purpose Input/Output IO AD25 GPIO1_63 General Purpose Input/Output IO AD24 GPIO1_64 General Purpose Input/Output IO AE27 GPIO1_65 General Purpose Input/Output IO AC24 GPIO1_66 General Purpose Input/Output IO Y27 GPIO1_67 General Purpose Input/Output IO Y26 GPIO1_68 General Purpose Input/Output IO W26 GPIO1_69 General Purpose Input/Output IO AE26 GPIO1_70 General Purpose Input/Output IO AE28 GPIO1_71 General Purpose Input/Output IO AD9 GPIO1_72 General Purpose Input/Output IO AC8 GPIO1_73 General Purpose Input/Output IO D27 GPIO1_74 General Purpose Input/Output IO D26 GPIO1_75 General Purpose Input/Output IO E27 GPIO1_76 General Purpose Input/Output IO D28 GPIO1_77 General Purpose Input/Output O C27 GPIO1_78 General Purpose Input/Output IO C28 GPIO1_79 General Purpose Input/Output IO (1) B24 GPIO1_80 General Purpose Input/Output IO (1) C24 GPIO1_86 General Purpose Input/Output IO D21 GPIO1_87 General Purpose Input/Output IO A22 GPIO1_88 General Purpose Input/Output IO B22 GPIO1_89 General Purpose Input/Output IO C23 (1) When OSC1 is being used with an external crystal, this pin must only be used as an input. The output functionality must be disabled. www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 75 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |