Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 3/8
http://www.m-system.co.jp/
INSTALLATION
Power consumption: Approx. 180 VA
Stand-by consumption: Approx. 18 VA
Operating temperature: -20 to +55°C (-4 to +131°F)
Charge: 0 to 55°C (32 to 131°F)
When the ambient temperature is less than 0°C (32°F), the
battery is not charged.
However, the ambient temperature reaches
within 0 to 55°C (32 to 131°F), the battery is automatically
charged.
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: Passed test condition below
•Fixed frequency endurance test
Acceleration: 2 G (19.6 m/s2)
Frequency: at resonant frequency
Endurance: 30 min.
Direction: X, Y, Z
•Sweep endurance test
Acceleration: 2 G (19.6 m/s2)
Frequency: 10 to 1000 Hz
Cycle: 20 cycles
Rate: 1 Oct./min.
Endurance: approx. 4 hr. 30 min.
Direction: X, Y, Z
Mounting position: All directions
Do not mount the actuator with its output stem on the
upside if the actuator is to be exposed to dripping water and
rain.
Weight: Approx. 10.8 kg (23.8 lb)
Approx. 12.1 kg (26.7 lb) with Option /E
PERFORMANCE
Resolution: 1/200 with 0.5 % deadband (factory setting);
1/1000 with 0.1 % deadband
Insulation resistance: ≥ 100 MΩ with 500 V DC (signal to
power to sequential signals to battery status (Option /E) to
metallic housing)
Dielectric strength: 2000 V AC @ 1 minute
(signal or metallic housing to power to battery status
(Option /E) to sequential signals)
500 V AC @ 1 minute (signal to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Signal or metallic housing or seq. signals or battery
status (with failsafe function only) to power:
Reinforced insulation (300 V)
RoHS Directive
EN 50581
FUNCTIONS
• Error Detection
When the position signal is deviated from the input signal
but the output stem is stuck due to overload or certain
malfunction, the PRP repeats starting the motor at the
maximum torque for several times.
If the stem is still stuck after that, the PRP outputs an alarm
signal (LED turned ON) and stops power supply to the
motor.
In order to reset the PRP, apply several times 0% and 100%
input signals in turn, or turn off and on the power supply.
• Abnormal Temperature Increase Protection
When the incorporated temperature sensor detects an
abnormal temperature increase in the motor, the alarm LED
blinks (repeating 0.5-sec. ON – 0.5-sec. OFF) and the power
supply to the final control element motor is stopped until
the temperature decreases to an acceptable level. The PRP
is designed to resume automatically power supply to the
motor. It takes longer to resume normal operation when
ambient temperature is higher.
• Restart Limiting Timer
This unit is equipped with a timer protecting the motor from
overheating. The timer prevents the motor from restarting
for a certain interval once the motor has been stopped
within deadband.
When the high temperature protection is activated in a high
temperature ambient, adjust the timer to a longer interval.
• Motor Preheat Function
When this unit detects a temperature lower than 0°C or
32°F (approximate) on the surface of its motor, this unit
supplies current to the motor in order to warm up and
maintain its surface temperature at 5°C or 41°F
(approximate).
Maintain the power supply ON when this unit is used in the
ambient temperature below 0°C or 32°F.
• Resolution
The ratio that the stem of the unit rotates according to input
signal.
E.g. Resolution is 1/200 for the specification that input
signal is 4 to 20 mA, output stem 90°, direct or reverse
action. As the span of input signal is 16 mA (20 - 4 = 16
mA), when input signal is changed by 0.08 mA step (16 mA
/ 200 = 0.08 mA), the output stem rotates 0.45° (90° / 200
= 0.45°).
(Even for output stem 45°setting, resolution is 1/200 =
0.45°step)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com