Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 2/8
http://www.m-system.co.jp/
Drive: Stepping motor
Insulation class: E
Power control element: Power MOS-FET
Position detection: Potentiometer
Full-open and full-closed positions: -5 to +95°; minimum
span 45°; field adjustable with control buttons
Full-closed signal adj.: 0 – 25 %
Full-open signal adj.: 75 – 100 %
Close side limiter adjustment: -5 – +25 %
Open side limiter adjustment: 75 – 105 %
Deadband adjustment: 0.1 – 5.0 % (Deadband width affects
the resolution. See Resolution in Performance section.)
Restart limiting timer adjustment: 0 – 30 sec.
Opening/closing speed adjustment
•PRP-0: 8.5 to 125 sec./90°
•PRP-1: 16 to 125 sec./90°
Isolation: Signals to power to sequential signals to battery
status (Option /E) to metallic housing
Fuse: 3 A (replaceable)
Protective functions: Error detection, abnormal temperature
increase protection, motor preheat
Power indicator: Green LED turns on with power supplied.
Input indicator: Green LED turns on with normal input
Alarm indicator: Red LED turns on in error; blinks in 1-sec.
intervals when abnormal temperature increase is detected.
Manual operation: Available (10 turns/90°)
User-configurable items:
Configurable with Programming unit (model: PU-2x)
•Output stem position at full-closed/open
•Opening/closing speed
•Closed/open side limiter
•Full-closed/open signal
•Split range and point
•Deadband
•Restart limiting timer
•Failsafe opening/closing speed (option /E)
•Failsafe target position (option /E)
■ BATTERY (failsafe function option)
Battery chemistry: Nickel–cadmium
Battery life: Rechargeable up to 500 times; or 3 years,
whichever is shorter, depending upon conditions of use
Drive capacity: Once
Charge method: Trickle charge after full rapid charge
Charge time: 180 minutes (completely discharged)
Power indicator: Red LED turns ON with the power supplied
Battery status indicator: Red LED turns ON with full charge;
OFF with the power removed.
Charge indicator: Red LED turns ON during rapid charge
INPUT SPECIFICATIONS
■ DC Current: Resistor (2 W) incorporated
■ Forced Operation: External contact signal input terminals
provided for compulsory opening or closing operation
Rating: 5 V DC @ 2.5 mA
■ Split Range: Specify split range type and split point.
Split range type: LO or HI
Split point: 30 – 70 %
0
Adjustable Split Point Range
100%
50
30
70
Full-open
Full-closed
Split Range Type Set to “LO”
(Set to “DIRECT” Action)
Split Range Type Set to “HI”
(Set to “REVERSE” Action)
Thick, solid lines indicate
examples of I/O characteristics,
while broken lines indicate
limits of adjustable range.
INPUT (%)
OUTPUT SPECIFICATIONS
■ Position Signal: 4 – 20 mA DC
Load resistance: ≤ 300 Ω
• Sequential Control Signal: "Full-open", "full-closed" and
"alarm"
Open collector: 30 V DC @ 100 mA max.
Saturation voltage: 1 V DC
■ Failsafe Function (optional)
Battery status output: Outputs a signal in synchronization
with the battery status indicator; ON with full charge and
OFF with the power removed.
Open collector: 30 V DC @ 100 mA
Saturation voltage: 1 V DC
0
20
12
40
60
100
120
0
100
200
300
PRP-0
PRP-1
OPERATION TIME (sec./90)
• Speed & torque
Note: Operational torque for PRP-0 is 100 N·m.
Operational torque for PRP-1 is 200 N·m.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com