Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 4/8
http://www.m-system.co.jp/
It is not true that input signal = output signal.
(Not input signal 4.00 mA DC = output signal 4.00 mA DC,
there is difference around 0.04 mA DC.)
REFERENCE DATA
Below data is based on the test results and serves as a
reference only. Actual values may differ depending on the
unit.
● Fixed frequency endurance test
Acceleration: 5.1 G (50 m/s2)
Frequency: at resonant frequency
Amplitude (Maximum displacement): 0.35 mm
Endurance: 30 min.
Direction: X, Y, Z
● Sweep endurance test according to IEC 61298-3
Acceleration: 6 G (58.8 m/s2)
Frequency: 10 to 1000 Hz
Amplitude (Maximum displacement): 0.15 mm
Cycle: 20 cycles
Rate: 1 Oct./min.
Endurance: approx. 4 hr. 30 min.
Direction: X, Y, Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com