Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 1/8
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP II ELECTRONIC ACTUATOR
(rotary type; max. torque 200 N·m)
Functions & Features
• Control valve actuator
• User-friendly interface
• High resolution stepping motor
• Failsafe (safety operation) function optional
• Actuator mounting: compliant with ISO 5211 (Table 1, 2
F07) (PRP-1x only)
• Lloyd's Resister approved type available (Environmental
categories ENV3)
MODEL: PRP–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: PRP-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. PRP-01A-L3/E)
Use Ordering Information Sheet (No. ESU-4823).
Factory setting (table below) will be used if not otherwise
specified.
PARAMETER
FACTORY SETTING
Action
Reverse
Operation at input failure
Hold position at input failure
Output stem position at full-closed
0°
Output stem position at full-open
90°
Ex-factory stem position
Without failsafe function: 90°
With failsafe function: 0°
Closed side limiter
0%
Open side limiter
100%
Full-closed signal
3.6%
Full-open signal
96.4%
Split range
Without
Split range type
LO
Split point
50%
Opening/closing speed
01: 100 N·m, 12 sec./90°
03: 100 N·m, 24 sec./90°
11: 200 N·m, 16 sec./90°
13: 200 N·m, 24 sec./90°
Deadband
0.5%
Restart limiting timer
2 sec.
Failsafe opening/closing speed*
01: 100 N·m, 12 sec./90°
03: 100 N·m, 24 sec./90°
11: 200 N·m, 16 sec./90°
13: 200 N·m, 24 sec./90°
Failsafe target position*
0°
Resolution
1/200
*Option/E
[1] TORQUE, OPERATION TIME
01: 100 N·m, 12 sec./90°
03: 100 N·m, 24 sec./90°
00: Refer to the torque explanation on the manual.
Use specified operation time.
11: 200 N·m, 16 sec./90°
13: 200 N·m, 24 sec./90°
10: Refer to the torque explanation on the manual.
Use specified operation time.
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[3] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(Not selectable for CE)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
[4] OPTIONS
Failsafe Function (emergency use)
blank: Without
/E: With
RELATED PRODUCTS (Products sold separately)
• Programming Unit (model: PU-2x)
• Backup battery (model: PSN-BAT)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: Reverse or direct (In "reverse" action, the output
stem turns counterclockwise (seen from the indicator) with
an input signal increase.)
Field selectable with DIP switches
Operation at input failure: Stem stop at full-open, full-close
or hold position at input failure; field selectable with DIP
switches
Minimum input signal
Current input: ≥ 2.0 mA DC
Voltage input: ≥ 0.5 V DC
Wiring conduits: G 1/2 female thread (two)
Terminal block: 7.62 mm pitch; M3 screw terminals (torque
0.8 N·m)
Housing material: Diecast aluminum
Coating: Baked acrylic resin


Similar Part No. - PRP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-L3 MSYSTEM-PRP-2-16-L3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-1A-K3 MSYSTEM-PRP-2-1A-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-1A-L3 MSYSTEM-PRP-2-1A-L3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PRP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com