Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 5/8
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
174 (6.85)
[75 (2.95)]
POSITION INDICATOR
107 (4.21)
141 (5.55)
50.1
(1.97)
[171 (6.73)]
312 (12.28)
■ OUTPUT STEM DETAIL
• PRP-0
• PRP-1 (Compliant with ISO 5211 Table 1, 2 F07)
ø48 (1.88)
ø90 (3.54)
ø20 (.79)
ø55-0.076
-0.030
ø48 (1.88)
ø90 (3.54)
ø28 (1.10)
PCD.70(2.76)
8–M8, 18 deep
Use four(4) positions
suitable for mounting.
8–M8, 18 deep
Use four(4) positions
suitable for mounting.
ø55-0.076
-0.030
TERMINAL BOX
MANUAL OPERATION
(hexagonal 6mm)
2-G1/2 CONDUIT
PCD.70(2.76)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com