Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # PRP
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  PRP Datasheet HTML 1Page - M-System Co.,Ltd. PRP Datasheet HTML 2Page - M-System Co.,Ltd. PRP Datasheet HTML 3Page - M-System Co.,Ltd. PRP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 4 page
background image
MODEL: PRP
PRP SPECIFICATIONS
ES-4823 Rev.14 Page 6/8
http://www.m-system.co.jp/
[59
(2.32)]
50.1
(1.97)
■ OUTPUT STEM DETAIL
• PRP-0
• PRP-1 (Compliant with ISO 5211 Table 1, 2 F07)
■ OPTION /E, FAILSAFE FUNCTION
space required
for battery maintenance
BATTERY BOX
TERMINAL BOX
93
(3.66)
166 (6.54)
107 (4.21)
55
(2.17)
ø90 (3.54)
ø20 (.79)
ø48 (1.88)
ø90 (3.54)
ø28 (1.10)
ø48 (1.88)
312 (12.28)
141 (5.55)
[171 (6.73)]
[257 (10.12)]
[162 (6.38)]
P.C.D.70
(2.76)
8–M8, 18 deep
Use four(4) positions
suitable for mounting.
8–M8, 18 deep
Use four(4) positions
suitable for mounting.
ø55-0.076
-0.030
ø55-0.076
-0.030
POSITION INDICATOR
P.C.D.70
(2.76)
2-G1/2 CONDUIT
MANUAL OPERATION
(hexagonal 6mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com