Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NMW1F-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-NMW1F-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NMW1F-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-NMW1F-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 8Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MODEL: R3-NMW1F
R3-NMW1F SPECIFICATIONS
ES-8286 Rev.1 Page 3/12
http://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
With configurator software, settings shown below are available.
Refer to the software manual of R3CON for detailed operation.
■ WIRED SETTING
ITEM
SETTING RANGE
DEFAULT
Communication timeout
2 – 32000 (100 msec.)
30 (100 msec.)
■ MODBUS SETTING
ITEM
SETTING RANGE
DEFAULT
Address
1 – 247
1
Data Mode
RTU / ASCII
RTU
Baud rate
38.4 kbps / 19.2 kbps / 9600 bps / 4800 bps
38.4 kbps
Parity
Odd / Even / None
None
Write enable port
RS–485 / wireless
RS-485
Slave or Relay
Slave / Relay
Slave
■ WIRELESS SETTING
ITEM
SETTING RANGE
DEFAULT
PAN-ID
0000 to FFFE (hexadecimal, 4 digits)
0000
Radio channel number
0 (invalid), 1 to 43 (selectable up to 10 channels)
0
Short address
0000 (invalid), 0001 to FFFD (hexadecimal, 4 digits)
0000
Network name
English one-byte characters within 16 characters
(one-byte space, “-”, “_”, “.”, “@” are usable.)
Blank
Encryption key
0000...0 to FFFF...F (hexadecimal, 32 digits)
0000...0
Transmitter power output
0.16 mW / 1 mW / 20 mW
20 mW
Communication timeout
0 to 32767 (100 msec.)
30
Number of devices in a network
1 – 30 (devices) /
31 – 60 (devices) /
61 – 100 (devices) /
Fixed + Low speed movement
1 – 30
Packet ltering
Disable / Enable
Enable
Filter timeout on polling (100msec)
10 to 600 (100 msec.)
10
Fixed route
Disable / Enable
Disable
Destination short address
0000 to FFFD (hexadecimal, 4 digits)
0000
Temporary detour
Disable / Enable
Enable
Low speed moving mode
Disable / Enable
Disable
Set network quality
Standard / Changing frequency • delaytime middle /
Changing frequency • delaytime large
Standard
Network join mode
V3-compatible mode / Fast join mode
V3-compatible mode
Retry times before route switching
1 to 3 (times)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com